Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575CDGVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 16Page - Texas Instruments PCF8575CDGVR Datasheet HTML 17Page - Texas Instruments PCF8575CDGVR Datasheet HTML 18Page - Texas Instruments PCF8575CDGVR Datasheet HTML 19Page - Texas Instruments PCF8575CDGVR Datasheet HTML 20Page - Texas Instruments PCF8575CDGVR Datasheet HTML 21Page - Texas Instruments PCF8575CDGVR Datasheet HTML 22Page - Texas Instruments PCF8575CDGVR Datasheet HTML 23Page - Texas Instruments PCF8575CDGVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VIN drops below POR levels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
VCC
Ramp-Up
Re-Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
www.ti.com
10 Power Supply Recommendations
10.1 Power-On Reset Requirements
In the event of a glitch or data corruption, PCF8575C can be reset to its default conditions by using the power-on
reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 20 and Figure 21.
Figure 20. VCC is Lowered Below 0.2 V or 0 V and Then Ramped Up to VCC
Figure 21. VCC is Lowered Below the POR Threshold, Then Ramped Back Up to VCC
Table 1 specifies the performance of the power-on reset feature for PCF8575C for both types of power-on reset.
Table 1. RECOMMENDED SUPPLY SEQUENCING AND RAMP RATES(1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 20
1
100
ms
VCC_RT
Rise rate
See Figure 20
0.01
100
ms
VCC_TRR_GND
Time to re-ramp (when VCC drops to GND)
See Figure 20
0.001
ms
VCC_TRR_POR50
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV)
See Figure 21
0.001
ms
Level that VCCP can glitch down to, but not cause a functional
VCC_GH
See Figure 22
1.2
V
disruption when VCCX_GW = 1 μs
Glitch width that will not cause a functional disruption when
VCC_GW
See Figure 22
μs
VCCX_GH = 0.5 × VCCx
VPORF
Voltage trip point of POR on falling VCC
0.767
1.144
V
VPORR
Voltage trip point of POR on fising VCC
1.033
1.428
V
(1)
TA = –40°C to 85°C (unless otherwise noted)
20
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com