Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3501 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 17Page - Texas Instruments PCM3501 Datasheet HTML 18Page - Texas Instruments PCM3501 Datasheet HTML 19Page - Texas Instruments PCM3501 Datasheet HTML 20Page - Texas Instruments PCM3501 Datasheet HTML 21Page - Texas Instruments PCM3501 Datasheet HTML 22Page - Texas Instruments PCM3501 Datasheet HTML 23Page - Texas Instruments PCM3501 Datasheet HTML 24Page - Texas Instruments PCM3501 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
®
21
PCM3501
VREF1 (pin 2) and VREF2 (pin 3) are reference voltages used
by the delta-sigma modulators. They are brought out strictly
for decoupling purposes. VREF1 and VREF2 are not to be
used to bias external circuits. A 1
µF to 10µF aluminum
electrolytic or tantalum capacitor is recommended for
decoupling on each pin. These capacitors should be located
as close as possible to pins 2 and 3.
Power Supplies and Grounding
VCC (pin 24) and VDD (pin 13) should be connected directly
to the +2.7V to +3.6V analog power supply, as shown in
Figure 16. The AGNDs (pins 5, 21, and 23) and DGND (pin
14) should be connected directly to the analog ground.
Power supply bypass capacitors should be located as close
to the power supply pins as possible in order to ensure a low
impedance connection. A combination of a 10
µF aluminum
electrolytic or tantalum capacitor in parallel with a 0.1
µF
ceramic capacitor is recommended for both VCC and VDD.
VDD and VCC should not be connected to separate digital and
analog power supplies. This can lead to an SCR latch-up
condition, which can cause either degraded device perfor-
mance or catastrophic failures.
PCB LAYOUT GUIDELINES
The recommended PCB layout technique is shown in Figure
18. The analog and digital section of the board are separated
by a split ground plane, with the PCM3501 positioned
entirely over the analog section of the board. The AGNDs
(pins 5, 20, and 23) and DGND (pin 14) are connected
directly to the analog ground plane. The power supply pins,
VCC (pin 13) and VDD (pin 24), are routed directly to the
+2.7V to +3.6V analog power supply using wide copper
traces (100 mils or wider recommended) or a power plane.
Power supply bypass and reference decoupling capacitors
are shown located as close as possible to the PCM3501.
The PCM3501 is oriented so that the digital pins are facing
the ground plane split. Digital connections should be made
as short and direct as possible to limit high frequency
radiation and coupling. Series resistors (from 20
Ω to 100Ω)
may be put in series with the system clock, FS, BCK, and
FSO lines to reduce or eliminate overshoot on clock edges,
further reducing radiated emissions. The split ground plane
should be connected at one point by a trace, wire, or ferrite
bead. Often the board will be designed to have several
jumper points for the common ground connection, so that
the best performance can be derived through experimenta-
tion.
An alternative technique, using a single power supply or
battery, is shown in Figure 19. This technique is more
suitable for portable applications.
FIGURE 18. Recommended PCB Layout Technique.
FIGURE 19. PCB Layout Using a Single-Supply or Battery.
PCM3501
V
CC
V
DD
AGND
Analog
Ground
Digital
Ground
DGND
Digital Power
Supply
Analog Power
Supply
+3.3V
Common
Connection
DIGITAL SECTION
ANALOG SECTION
Host
and
Logic
+3.3V
Digital I/Os
Split Grounds
PCM3501
V
CC
V
DD
AGND
Split Grounds
Ferrite
Beads
Analog
Ground
Digital
Ground
DGND
DIGITAL SECTION
ANALOG SECTION
Host
and
Logic
Common
Supply
Digital I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com