Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3501 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 3 Page - Texas Instruments

  PCM3501 Datasheet HTML 1Page - Texas Instruments PCM3501 Datasheet HTML 2Page - Texas Instruments PCM3501 Datasheet HTML 3Page - Texas Instruments PCM3501 Datasheet HTML 4Page - Texas Instruments PCM3501 Datasheet HTML 5Page - Texas Instruments PCM3501 Datasheet HTML 6Page - Texas Instruments PCM3501 Datasheet HTML 7Page - Texas Instruments PCM3501 Datasheet HTML 8Page - Texas Instruments PCM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
®
3
PCM3501
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
Supply Voltage, +VDD, +VCC(1) .......................................................... +6.5V
Supply Voltage Differences(2) ...........................................................
±0.1V
GND Voltage Differences(3) .......................................................................................
±0.1V
Digital Input Voltage ................................................... –0.3V to VDD + 0.3V
Input Current (any pins except supply) ...........................................
±10mA
Power Dissipation .......................................................................... 300mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
(reflow, 10s) ................................................................................ +235
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM3501E
24-Lead SSOP
338
–25
°C to +85°C
PCM3501E
PCM3501E
Rails
"
"
"
"
"
PCM3501E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2,000 pieces
of “PCM3501E/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
NOTES: (1) V
CC, VDD. (2) Among VCC, VDD. (3) Among AGND, DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com