Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8601MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Ri = 900 k: x
Gi - 100
Gi
Ri = 400 k: X
Gi - 50
Gi
Ri = 100 k: X
Gi - 20
Gi
Gi =
Ri - 900 k:
100 Ri
Gi =
Ri - 400 k:
50 Ri
Gi =
Ri - 100 k:
20 Ri
Ri
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
24
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1.
Figure 55. Increase Gain
Ri creates positive feedback from the output pin to the input of the buffer amplifier. The positive feedback
increases the gain. The increased gain Gi for the LMP8601 and LMP8601-Q1 becomes:
(27)
For the LMP8602 and LMP8602-Q1:
(28)
And for the LMP8603 and LMP8603-Q1:
(29)
From this equation, for a desired value of the gain, the LMP8601 and LMP8601-Q1 required value of Ri is
calculated with:
(30)
For the LMP8602 and LMP8602-Q1:
(31)
And for the LMP8603 with:
(32)
Note that from the equation for the gain Gi, for large gains, Ri approaches 100 kΩ. In this case, the denominator
in the equation becomes close to zero. In practice, for large gains, the denominator is determined by tolerances
in the value of the external resistor Ri and the internal 100-kΩ resistor. In this case, the gain becomes very
inaccurate. If the denominator becomes equal to zero, the system becomes unstable. TI recommends to limit the
application of this technique to gain values of 50 or smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com