Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8601MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Output Buffer
ADC
TIME (ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
50
100
150
200
250
300
20 pF
10 pF
VS = 3.3V
TIME (ns)
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
50
100
150
200
250
300
20 pF
10 pF
VS = 5V
LMP8601/
LMP8601Q
VS
0V
25
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2 Driving Switched Capacitive Loads
Some ADCs load their signal source with a sample and hold capacitor. The capacitor may be discharged prior to
being connected to the signal source. If the LMP860x and LMP860x-Q1 are driving such ADCs, the sudden
current that should be delivered when the sampling occurs may disturb the output signal. This effect was
simulated with the circuit shown in Figure 56 where the output is to a capacitor that is driven by a rail-to-rail
square wave.
Figure 56. Driving Switched Capacitive Load
This circuit simulates the switched connection of a discharged capacitor to the LMP860x and LMP860x-Q1
output. The resulting VOUT disturbance signals are shown in Figure 57 and Figure 58.
Figure 57. Capacitive Load Response at 3.3 V
Figure 58. Capacitive Load Response at 5.0 V
These figures can be used to estimate the disturbance that will be caused when driving a switched capacitive
load. To minimize the error signal introduced by the sampling that occurs on the ADC input, place an additional
RC filter between the LMP860x or LMP860x-Q1 and the ADC, as illustrated in Figure 59.
Figure 59. Reduce Error When Driving ADCs
The external capacitor absorbs the charge that flows when the ADC sampling capacitor is connected. The
external capacitor should be much larger than the sample-and-hold capacitor at the input of the ADC, and the
RC time constant of the external filter should be such that the speed of the system is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com