Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP8602MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Charger
load
+
-
+3.3V
24V
48V
+
-
+
-
48V
Inductive
Load
Inductive
Load
+5V
IC
IL
IB
+5V
S
D
G
S
D
G
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
LMP860x, LMP860x-Q1 60-V, Bidirectional, Low- or High-Side, Voltage-Output,
Current-Sensing Amplifiers
1
1 Features
1
Gain = 20x for LMP8601 and LMP8601-Q1
Gain = 50x for LMP8602 and LMP8602-Q1
Gain = 100x for LMP8603 and LMP8603-Q1
TCVOS: 10 μV/°C Maximum
CMRR: 90-dB Minimum
Input Offset Voltage: 1-mV Maximum
CMVR at VS = 3.3 V: –4 V to 27 V
CMVR at VS = 5 V: –22 V to 60 V
Single-Supply Bidirectional Operation
All Minimum and Maximum Limits 100% Tested
Q1 Devices Qualified for Automotive Applications
Q1 Devices ACE-Q100 Qualified With the
Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device Temperature Grade 0: –40°C to 150°C
(LMP8601EDRQ1 Only)
Device HBM ESD Classification Level 2
(3A on inputs)
Device CDM ESD Classification Level C6
Device MM ESD Classification Level M2
2 Applications
High-Side and Low-Side Driver Configuration
Current Sensing
Bidirectional Current Measurement
Current Loop to Voltage Conversion
Automotive Fuel Injection Control
Transmission Control
Power Steering
Battery Management Systems
3 Description
The LMP8601, LMP8602, LMP8603 (LMP860x) and
LMP8601-Q1,
LMP8602-Q1,
LMP8603-Q1
(LMP860x-Q1)
devices
are
fixed-gain,
precision
current-sense amplifiers (also referred to as current-
shunt monitors). The input common-mode voltage
range is –22 V to +60 V when operating from a single
5-V supply, or –4 V to +27 V with a 3.3-V supply. The
LMP860x and LMP860x-Q1 are ideal parts for
unidirectional
and
bidirectional
current
sensing
applications.
These devices have a precise gain of 20x (LPM8601,
LPM8601-Q1), 50x (LPM8602, LPM8602-Q1), and
100x (LPM8603, LPM8603-Q1), and are adequate in
most targeted applications to drive an ADC to full-
scale value. The fixed gain is achieved in two
separate stages: a preamplifier with a gain of 10x and
an output stage buffer amplifier with a gain of 2x
(LMP8601, LMP8601-Q1), 5x (LMP8602, LMP8602-
Q1), or 10x (LMP8603, LMP8603-Q1). The path
between the two stages is brought out on two pins to
enable the option of an additional filter network or
modifying the gain.
The offset input pin enables these devices for
unidirectional or bidirectional single supply voltage
current sensing.
The LMP860x-Q1 devices incorporate enhanced
manufacturing
and
support
processes
for
the
automotive market and are compliant with the AEC-
Q100 standard.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP860x
SOIC (8)
4.90 mm x 3.91 mm
LMP860x-Q1
LMP8602, LMP8603
VSSOP (8)
3.00 mm × 3.00 mm
LMP8602-Q1, LMP8603-Q1
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Applications


Similar Part No. - LMP8602MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602MA NSC-LMP8602MA Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602MA NSC-LMP8602MA Datasheet
604Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MA TI1-LMP8602MA Datasheet
541Kb / 26P
60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8602MA TI-LMP8602MA Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602MAX NSC-LMP8602MAX Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
More results

Similar Description - LMP8602MA/NOPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
Current Sensing Relay
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
CURRENT SENSING TRANSFORMER
ACST-11 ABRACON-ACST-11 Datasheet
314Kb / 1P
CURRENT SENSING TRANSFORMER
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
Current Sensing Resistors
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
logo
List of Unclassifed Man...
TCS2 ETC-TCS2 Datasheet
818Kb / 2P
CURRENT SENSING RESISORS
CSR04 ETC-CSR04 Datasheet
665Kb / 1P
CURRENT SENSING RESISORS
logo
Allied Components Inter...
ACT-3722 ALLIED-ACT-3722 Datasheet
606Kb / 2P
Current Sensing Toroid
logo
XFMRS Inc.
XF0043-VTM370CS XFMRS-XF0043-VTM370CS Datasheet
37Kb / 1P
CURRENT SENSING TRANSFORMER
XF0021-CS4 XFMRS-XF0021-CS4 Datasheet
45Kb / 1P
CURRENT SENSING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com