Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6624MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MA/NOPB
Description  LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6624MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6624MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LMH6624, LMH6626
SNOSA42G – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics ±6 V (continued)
Unless otherwise specified, all limits ensured at TA = 25°C, V
+ = 6 V, V− = −6 V, V
CM = 0 V, AV = +20, RF = 500 Ω,
RL = 100 Ω. See
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
TRANSFER CHARACTERISTICS
77
81
(LMH6624)
RL = 100 Ω, VO = −3 V to +3 V
-40°C
≤ TJ ≤ 125°C
72
AVOL
Large signal voltage gain
dB
74
80
(LMH6626)
RL = 100 Ω, VO = −3 V to +3 V
-40°C
≤ TJ ≤ 125°C
70
Xt
Crosstalk rejection
f = 1MHz (LMH6626)
−75
dB
OUTPUT CHARACTERISTICS
±4.4
±4.9
(LMH6624)
RL = 100 Ω
-40°C
≤ TJ ≤ 125°C
±4.3
±4.8
±5.2
(LMH6624)
No Load
-40°C
≤ TJ ≤ 125°C
±4.65
VO
Output swing
V
±4.3
±4.8
(LMH6626)
RL = 100 Ω
-40°C
≤ TJ ≤ 125°C
±4.2
±4.8
±5.2
(LMH6626)
No Load
-40°C
≤ TJ ≤ 125°C
±4.65
RO
Output impedance
f
≤ 100 KHz
10
m
Ω
(LMH6624)
100
156
Sourcing to Ground
-40°C
≤ TJ ≤ 125°C
85
ΔVIN = 200 mV
(7) (8)
(LMH6624)
100
156
Sinking to Ground
-40°C
≤ TJ ≤ 125°C
85
ΔVIN = −200 mV
(7) (8)
ISC
Output short circuit current
mA
(LMH6626)
65
120
Sourcing to Ground
-40°C
≤ TJ ≤ 125°C
55
ΔVIN = 200 mV
(7) (8)
(LMH6626)
65
120
Sinking to Ground
-40°C
≤ TJ ≤ 125°C
55
ΔVIN = −200 mV
(7) (8)
(LMH6624)
Sourcing, VO = +4.3 V
100
Sinking, VO = −4.3 V
IOUT
Output current
mA
(LMH6626)
Sourcing, VO = +4.3 V
80
Sinking, VO = −4.3 V
POWER SUPPLY
82
88
PSRR
Power supply rejection ratio
VS = ±5.4 V to ±6.6 V
dB
-40°C
≤ TJ ≤ 125°C
80
12
16
IS
Supply current (per channel) No Load
mA
-40°C
≤ TJ ≤ 125°C
18
(7)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(8)
Short circuit test is a momentary test. Output short circuit duration is 1.5 ms.
8
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LMH6624 LMH6626



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com