Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6624MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MA/NOPB
Description  LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6624MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6624MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
4
5
6
7
8
9
10
11
12
VSUPPLY (V)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
125°C
25°C
-40°C
1k
100k
100M
Frequency (Hz)
-140
-100
-60
0
10M
1M
10k
-20
-80
-120
-40
VS = ±6 V
VS = ±2.5 V
CH 1 OUTPUT
CH 2 OUTPUT
0
1
2
3
4
5
0
20
40
60
80
100
120
140
VOUT (V)
-40°C
25°C
125°C
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
VOUT (V)
125°C
25°C
-40°C
0
0.5
1
1.5
0
20
40
60
80
100
120
140
VOUT (V)
-40°C
125°C
25°C
0
0.5
1
1.5
-20
0
20
40
60
80
100
120
140
160
VOUT (V)
125°C
25°C
-40°C
LMH6624, LMH6626
www.ti.com
SNOSA42G – NOVEMBER 2002 – REVISED DECEMBER 2014
Typical Characteristics (continued)
VS = ±2.5 V
VS = ±2.5V
Figure 25. Sinking Current vs. VOUT (LMH6624)
Figure 26. Sinking Current vs. VOUT (LMH6626)
VS = ±6 V
VS = ±6 V
Figure 27. Sinking Current vs. VOUT (LMH6624)
Figure 28. Sinking Current vs. VOUT (LMH6626)
VIN = 60 mVpp
AV = +20
RL = 100 Ω
Figure 30. Crosstalk Rejection vs. Frequency (LMH6626)
Figure 29. IOS vs. VSUPPLY
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6624 LMH6626



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com