Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6642MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6642MA/NOPB
Description  LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6642MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6642MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
IN+
IN-
R
R
V-
V+
V+
V+
V-
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966Q – MAY 2001 – REVISED SEPTEMBER 2014
8 Detailed Description
8.1 Overview
The LMH664X family is based on proprietary VIP10 dielectrically isolated bipolar process. This device family
architecture features the following:
•
Complimentary bipolar devices with exceptionally high ft (∼8 GHz) even under low supply voltage (2.7 V) and
low bias current.
•
A class A-B “turn-around” stage with improved noise, offset, and reduced power dissipation compared to
similar speed devices (patent pending).
•
Common Emitter push-push output stage capable of 75 mA output current (at 0.5 V from the supply rails)
while consuming only 2.7 mA of total supply current per channel. This architecture allows output to reach
within mV of either supply rail.
•
Consistent performance over the entire operating supply voltage range with little variation for the most
important specifications (for example, BW, SR, IOUT, and so forth)
•
Significant power saving (
∼40%) compared to competitive devices on the market with similar performance.
8.2 Functional Block Diagram
Figure 54. Input Equivalent Circuit
8.3 Feature Description
The LMH664X family is a drop-in replacement for the AD805X family of high speed Op Amps in most
applications. In addition, the LMH664X will typically save about 40% on power dissipation, due to lower supply
current, when compared to competition. All AD805X family’s specified parameters are included in the list of
LMH664X ensured specifications in order to ensure equal or better level of performance. However, as in most
high performance parts, due to subtleties of applications, it is strongly recommended that the performance of the
part to be evaluated is tested under actual operating conditions to ensure full compliance to all specifications.
8.4 Device Functional Modes
With 3-V supplies and a common mode input voltage range that extends 0.5 V below V−, the LMH664X find
applications in low voltage/low power applications. Even with 3-V supplies, the
−3dB BW (@ AV = +1) is typically
115 MHz with a tested limit of 80 MHz. Production testing guarantees that process variations will not compromise
speed. High frequency response is exceptionally stable, confining the typical
−3dB BW over the industrial
temperature range to ±2.5%.
As seen in Typical Performance Characteristics, the LMH664X output current capability (
∼75 mA) is enhanced
compared to AD805X. This enhancement increases the output load range, adding to the LMH664X’s versatility.
Since LMH664X is capable of high output current, device junction temperature should not to exceed the Absolute
Maximum Ratings.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com