Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6642MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6642MA/NOPB
Description  LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6642MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6642MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6642MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LMH6642, LMH6643, LMH6644
SNOS966Q – MAY 2001 – REVISED SEPTEMBER 2014
www.ti.com
7.6
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, V
ID (input differential voltage) as noted
(where applicable) and RL = 2kΩ to V
+/2.
V+ = 5V, V− = 0V,
UNIT
AT TEMPERATURE
VCM = VO = V
+/2, V
ID
EXTREMES
PARAMETER
TEST CONDITIONS
RL = 2kΩ to V
+/2
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
90
120
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain
AV = +2, RL = 150Ω to V+/2,
MHz
15
Flatness
Rf = 402Ω, VOUT = 200mVPP
PBW
Full Power
AV = +1, −1dB, VOUT = 2VPP
MHz
22
Bandwidth
en
Input-Referred
f = 100kHz
17
nV/
√Hz
Voltage Noise
f = 1kHz
48
in
Input-Referred
f = 100kHz
0.90
pA/
√Hz
Current Noise
f = 1kHz
3.3
THD
Total Harmonic
f = 5MHz, VO = 2VPP, AV = +2
dBc
−60
Distortion
DG
Differential Gain
NTSC, AV = +2
0.16%
RL =150Ω to V
+/2
RL = 1kΩ to V
+/2
0.05%
DP
Differential
NTSC, AV = +2
0.05
Phase
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
CT Rej.
Cross-Talk
f = 5MHz, Receiver:
47
dB
Rejection
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load
68
ns
SR
Slew Rate (3)
AV = −1, VI = 2VPP
95
125
V/µs
VOS
Input Offset
For LMH6642 and LMH6644
±7
±1
±5
mV
Voltage
For LMH6643
±7
±1
±3.4
TC VOS
Input Offset
See (4)
µV/°C
±5
Average Drift
IB
Input Bias
See (5)
−3.25
−1.70
−2.60
µA
Current
IOS
Input Offset
1000
20
800
nA
Current
RIN
Common Mode
M
Ω
Input
3
Resistance
CIN
Common Mode
pF
Input
2
Capacitance
CMVR
Input Common-
CMRR
≥ 50dB
−0.1
−0.5
−0.2
Mode Voltage
V
3.6
3.8
4.0
Range
CMRR
Common Mode
VCM Stepped from 0V to 3.5V
dB
72
95
Rejection Ratio
AVOL
Large Signal
VO = 0.5V to 4.50V
82
86
98
Voltage Gain
RL = 2kΩ to V
+/2
dB
VO = 0.5V to 4.25V
72
76
82
RL = 150Ω to V
+/2
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com