Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6655MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6655MA/NOPB
Description  LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6655MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6655MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LMH6654, LMH6655
SNOS956E – JUNE 2001 – REVISED AUGUST 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Application and Implementation ........................ 16
7.1
Application Information............................................ 16
2
Applications ........................................................... 1
7.2
Typical Application .................................................. 16
3
Description ............................................................. 1
8
Power Supply Recommendations ...................... 20
4
Revision History..................................................... 2
8.1
Power Dissipation ................................................... 20
5
Pin Configuration and Functions ......................... 3
9
Layout ................................................................... 20
6
Specifications......................................................... 4
9.1
Layout Guidelines ................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10
Device and Documentation Support ................. 21
6.2
Handling Ratings....................................................... 4
10.1
Documentation Support ........................................ 21
6.3
Recommended Operating Conditions ....................... 4
10.2
Electrostatic Discharge Caution ............................ 21
6.4
Thermal Information .................................................. 4
10.3
Glossary ................................................................ 21
6.5
±5V Electrical Characteristics ................................... 5
11
Mechanical, Packaging, and Orderable
6.6
5V Electrical Characteristics ..................................... 7
Information ........................................................... 21
6.7
Typical Characteristics .............................................. 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
•
Changed data sheet structure and organization. Added, updated, or renamed the following sections: Device
Information Table, Application and Implementation; Power Supply Recommendations; Device and Documentation
Support; Mechanical, Packaging, and Ordering Information. Deleted Switching Characteristics due to redundancy. ......... 1
•
Changed from Junction Temperature Range to "Operating Temperature Range" ................................................................ 4
•
Deleted TJ = 25°C................................................................................................................................................................... 5
•
Deleted TJ = 25°C .................................................................................................................................................................. 7
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 19
2
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6654 LMH6655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com