Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6655MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6655MA/NOPB
Description  LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6655MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6655MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6655MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LMH6654, LMH6655
www.ti.com
SNOS956E – JUNE 2001 – REVISED AUGUST 2014
Components Needed to Evaluate the LMH6654 on the LMH730227 Evaluation Board:
•
Rf, Rg use the datasheet to select values.
•
RIN, ROUT typically 50 Ω (Refer to the Basic Operation section of the evaluation board datasheet for details)
•
Rf is an optional resistor for inverting again configurations (select Rf to yield desired input impedance = Rg||Rf)
•
C1, C2 use 0.1 µF ceramic capacitors
•
C3, C4 use 10 µF tantalum capacitors
Components not used:
1. C5, C6, C7, C8
2. R1 thru R8
The evaluation boards are designed to accommodate dual supplies. The board can be modified to provide single
operation. For best performance;
1) Do not connect the unused supply.
2) Ground the unused supply pin.
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
10.1.1.1 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 1. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
LMH6654
Click here
Click here
Click here
Click here
Click here
LMH6655
Click here
Click here
Click here
Click here
Click here
10.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
10.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6654 LMH6655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com