Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC1026TI/P Datasheet(PDF) 27 Page - Microchip Technology

Part # 24LC1026TI/P
Description  1024K I2C Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1026TI/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24LC1026TI/P Datasheet HTML 22Page - Microchip Technology 24LC1026TI/P Datasheet HTML 23Page - Microchip Technology 24LC1026TI/P Datasheet HTML 24Page - Microchip Technology 24LC1026TI/P Datasheet HTML 25Page - Microchip Technology 24LC1026TI/P Datasheet HTML 26Page - Microchip Technology 24LC1026TI/P Datasheet HTML 27Page - Microchip Technology 24LC1026TI/P Datasheet HTML 28Page - Microchip Technology 24LC1026TI/P Datasheet HTML 29Page - Microchip Technology 24LC1026TI/P Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2011-2015 Microchip Technology Inc.
DS20002270E-page 27
24AA1026/24LC1026/24FC1026
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
24AA1026 =
1024K Bit 1.7V I2C CMOS Serial EEPROM
24AA1026T = 1024K Bit 1.7V I2C CMOS Serial EEPROM
(Tape and Reel)
24LC1026 =
1024K Bit 2.5V I2C CMOS Serial EEPROM
24LC1026T= 1024K Bit 2.5V I2C CMOS Serial EEPROM
(Tape and Reel)
24FC1026 =
1024K Bit 1.8V I2C CMOS Serial EEPROM
24FC1026T= 1024K Bit 1.8V I2C CMOS Serial EEPROM
(Tape and Reel)
Tape and
Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil Body), 8-lead
SM
=
Plastic SOIJ (5.28 mm Body), 8-lead
SN
=
Plastic SOIC (3.90 mm Body), 8-lead
Examples:
a)
24AA1026-I/P:
Industrial Temperature,
1.7V, PDIP package.
b)
24AA1026-I/SN: Industrial Temperature,
1.7V, SOIC package.
c)
24AA1026T-I/SN: Tape and Reel, Industrial
Temperature,1.7V, SOIC
package.
d)
24AA1026T-I/SM: Tape and Reel,
Industrial Temperature,
1.7V, SOIJ package.
e)
24FC1026-I/SN: Industrial Temperature,
1.8V, SOIC package.
f)
24FC1026T-I/SN: Tape and Reel, Industrial
Temperature, 1.8V, SOIC
package.
g)
24LC1026-I/P:
Industrial Temperature,
2.5V, PDIP package.
h)
24LC1026T-I/SM: Tape and Reel, Industrial
Temperature, 2.5V, SOIJ
package.
i)
24LC1026-E/SM: Extended temperature,
2.5V, SOIJ package
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note1:
Tape and Reel identifier only appears
in the catalog part number description.
This identifier is used for ordering pur-
poses and is not printed on the device
package. Check with your Microchip
Sales Office for package availability
with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com