Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC1026TI/P Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LC1026TI/P
Description  1024K I2C Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1026TI/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LC1026TI/P Datasheet HTML 2Page - Microchip Technology 24LC1026TI/P Datasheet HTML 3Page - Microchip Technology 24LC1026TI/P Datasheet HTML 4Page - Microchip Technology 24LC1026TI/P Datasheet HTML 5Page - Microchip Technology 24LC1026TI/P Datasheet HTML 6Page - Microchip Technology 24LC1026TI/P Datasheet HTML 7Page - Microchip Technology 24LC1026TI/P Datasheet HTML 8Page - Microchip Technology 24LC1026TI/P Datasheet HTML 9Page - Microchip Technology 24LC1026TI/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
24AA1026/24LC1026/24FC1026
DS20002270E-page 6
 2011-2015 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A1, A2 Chip Address Inputs
The A1 and A2 inputs are used by the 24XX1026 for
multiple device operations. The levels on these inputs
are compared with the corresponding bits in the slave
address. The chip is selected if the comparison is true.
Up to four devices may be connected to the same bus
by using different Chip Select bit combinations. In most
applications, the chip address inputs A1 and A2 are
hard-wired to logic ‘0’ or logic ‘1’. For applications in
which these pins are controlled by a microcontroller or
other programmable device, the chip address pins
must be driven to logic ‘0’ or logic ‘1’ before normal
device operation can proceed.
2.2
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an
open-drain terminal, therefore, the SDA bus requires a
pull-up resistor to VCC (typical 10 k
 for 100 kHz, 2 k
for 400 kHz and 1 MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied
to VSS, write operations are enabled. If tied to VCC,
write operations are inhibited, but read operations are
not affected.
3.0
FUNCTIONAL DESCRIPTION
The 24XX1026 supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as a transmitter and a device
receiving data as a receiver. The bus must be
controlled by a master device which generates the
Serial Clock (SCL), controls the bus access, and
generates the Start and Stop conditions while the
24XX1026 works as a slave. Both master and slave
can operate as a transmitter or receiver, but the master
device determines which mode is activated.
Name
PDIP
SOIC
SOIJ
Function
NC
1
1
1
Not Connected
A1
2
2
2
User Configurable Chip Select
A2
3
3
3
User Configurable Chip Select
VSS
44
4
Ground
SDA
5
5
5
Serial Data
SCL
6
6
6
Serial Clock
WP
7
7
7
Write-Protect Input
VCC
8
8
8
+1.7 to 5.5V (24AA1026)
+2.5 to 5.5V (24LC1026)
+1.8 to 5.5V (24FC1026)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com