Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC1026E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC1026E/P
Description  1024K I2C Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1026E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC1026E/P Datasheet HTML 8Page - Microchip Technology 24LC1026E/P Datasheet HTML 9Page - Microchip Technology 24LC1026E/P Datasheet HTML 10Page - Microchip Technology 24LC1026E/P Datasheet HTML 11Page - Microchip Technology 24LC1026E/P Datasheet HTML 12Page - Microchip Technology 24LC1026E/P Datasheet HTML 13Page - Microchip Technology 24LC1026E/P Datasheet HTML 14Page - Microchip Technology 24LC1026E/P Datasheet HTML 15Page - Microchip Technology 24LC1026E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
24AA1026/24LC1026/24FC1026
DS20002270E-page 12
 2011-2015 Microchip Technology Inc.
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
control byte is set to one. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX1026 contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous read access was to address n (n is any legal
address), the next current address read operation
would access data from address n + 1.
Upon receipt of the control byte with R/W bit set to one,
the 24XX1026 issues an acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer, but does generate a Stop condition and the
24XX1026 discontinues transmission (Figure 8-1).
FIGURE 8-1:
CURRENT ADDRESS
READ
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24XX1026 as part of a write operation (R/W bit set to
‘0’
). After the word address is sent, the master
generates a Start condition following the acknowledge.
This terminates the write operation, but not before the
internal Address Pointer is set. Then, the master issues
the control byte again, but with the R/W bit set to a one.
The 24XX1026 will then issue an acknowledge and
transmit the 8-bit data word. The master will not
acknowledge the transfer, but does generate a Stop
condition which causes the 24XX1026 to discontinue
transmission (Figure 8-2). After a random Read
command, the internal address counter will point to the
address location following the one that was just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24XX1026 transmits
the first data byte, the master issues an acknowledge
as opposed to the Stop condition used in a random
read. This acknowledge directs the 24XX1026 to
transmit the next sequentially addressed 8-bit word
(Figure 8-3). Following the final byte transmitted to the
master, the master will NOT generate an acknowledge,
but will generate a Stop condition. To provide
sequential reads, the 24XX1026 contains an internal
Address Pointer which is incremented by one at the
completion of each operation. This Address Pointer
allows half the memory contents to be serially read
during
one
operation.
Sequential
read
address
boundaries are 00000h to 0FFFFh and 10000h to
1FFFFh.
The
internal
Address
Pointer
will
automatically roll over from address 0FFFFh to
address 00000h if the master acknowledges the byte
received from the array address, 0FFFFh. The internal
address counter will automatically roll over from
address 1FFFFh to address 10000h if the master
acknowledges the byte received from the array
address 1FFFFh.
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K
11
00
AA B
1
Byte
21 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com