Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC1026E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC1026E/P
Description  1024K I2C Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1026E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC1026E/P Datasheet HTML 10Page - Microchip Technology 24LC1026E/P Datasheet HTML 11Page - Microchip Technology 24LC1026E/P Datasheet HTML 12Page - Microchip Technology 24LC1026E/P Datasheet HTML 13Page - Microchip Technology 24LC1026E/P Datasheet HTML 14Page - Microchip Technology 24LC1026E/P Datasheet HTML 15Page - Microchip Technology 24LC1026E/P Datasheet HTML 16Page - Microchip Technology 24LC1026E/P Datasheet HTML 17Page - Microchip Technology 24LC1026E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
24AA1026/24LC1026/24FC1026
DS20002270E-page 14
 2011-2015 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information*
XXXXXXXX
TXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
24LC1026
I/P
13F
1544
8-Lead SOIJ (5.28 mm)
Example:
XXXXXXXX
YYWWNNN
TXXXXXXX
3
e
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
NNN
XXXXYYWW
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
* Standard device marking consists of Microchip part number, year code, week code,
and traceability code (facility code, mask rev#, and assembly code). For device
marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office.
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
24L1026I
13F
SN
1544
3
e
24FC1026
154513F
I/SM
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com