Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC00T-I/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC00T-I/ST
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00T-I/ST Datasheet(HTML) 4 Page - Microchip Technology

  24LC00T-I/ST Datasheet HTML 1Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 2Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 3Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 4Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 5Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 6Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 7Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 8Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
24AA00/24LC00/24C00
DS21178H-page 4
 1996-2011 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Pin Function Table
2.1
SDA Serial Data
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pull-up
resistor to VCC (typical 10 k
 for 100 kHz, 2 k for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
2.3
Noise Protection
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
Name
PDIP
SOIC
TSSOP
DFN(1)
TDFN(1)
SOT-23
Description
NC
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
—
Not Connected
VSS
4
4
4
4
4
2
Ground
SDA
5
5
5
5
5
3
Serial Address/Data I/O
SCL
6
6
6
6
6
1
Serial Clock
WP
7
7
7
7
7
5
Write-Protect Input
VCC
8
8
8
8
8
4
+1.8V to 5.5V Power Supply
Note 1:
The exposed pad on the DFN/TDFN packages can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com