Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC00T-I/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC00T-I/ST
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00T-I/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC00T-I/ST Datasheet HTML 4Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 5Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 6Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 7Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 8Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 9Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 10Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 11Page - Microchip Technology 24LC00T-I/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
24AA00/24LC00/24C00
DS21178H-page 8
 1996-2011 Microchip Technology Inc.
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start signal from the master, the device
code (4 bits), the “don’t care” bits (3 bits), and the R/W
bit (which is a logic low) are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the master is the word address and will be
written into the Address Pointer of the 24XX00. Only
the lower four address bits are used by the device, and
the upper four bits are “don’t cares.” The 24XX00 will
acknowledge the address byte and the master device
will then transmit the data word to be written into the
addressed memory location. The 24XX00 acknowl-
edges again and the master generates a Stop
condition. This initiates the internal write cycle, and
during this time the 24XX00 will not generate Acknowl-
edge signals (Figure 6-1). After a byte Write command,
the internal address counter will not be incremented
and will point to the same address location that was just
written. If a Stop bit is transmitted to the device at any
point in the Write command sequence before the entire
sequence is complete, then the command will abort
and no data will be written. If more than 8 data bits are
transmitted before the Stop bit is sent, then the device
will clear the previously loaded byte and begin loading
the data buffer again. If more than one data byte is
transmitted to the device and a Stop bit is sent before a
full eight data bits have been transmitted, then the
Write command will abort and no data will be written.
The 24XX00 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5V (24AA00 and 24LC00) or 3.8V (24C00)
at nominal conditions.
FIGURE 6-1:
BYTE WRITE
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address
Data
A
C
K
A
C
K
A
C
K
10
x
10
x
xx
x
= “don’t care” bit
xx
x
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com