Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5100DP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX5100DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5100DP Datasheet(HTML) 3 Page - Motorola, Inc

  MPX5100DP Datasheet HTML 1Page - Motorola, Inc MPX5100DP Datasheet HTML 2Page - Motorola, Inc MPX5100DP Datasheet HTML 3Page - Motorola, Inc MPX5100DP Datasheet HTML 4Page - Motorola, Inc MPX5100DP Datasheet HTML 5Page - Motorola, Inc MPX5100DP Datasheet HTML 6Page - Motorola, Inc MPX5100DP Datasheet HTML 7Page - Motorola, Inc MPX5100DP Datasheet HTML 8Page - Motorola, Inc MPX5100DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPX5100/MPXV5100 SERIES
MOTOROLA
Motorola Sensor Device Data
3
ON-CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
Figure 2 shows the sensor output signal relative to pressure
input. Typical, minimum, and maximum output curves are
shown for operation over a temperature range of 0° to 85°C
using the decoupling circuit shown in Figure 4. The output will
saturate outside of the specified pressure range.
Figure 3 illustrates both the Differential/Gauge and the Abso-
lute Sensing Chip in the basic chip carrier (Case 867). A fluoro-
silicone gel isolates the die surface and wire bonds from the
environment, while allowing the pressure signal to be transmit-
ted to the sensor diaphragm.
The MPX5100/MPXV5100 series pressure sensor operating
characteristics, and internal reliability and qualification tests are
based on use of dry air as the pressure media. Media, other
than dry air, may have adverse effects on sensor performance
and long-term reliability. Contact the factory for information re-
garding media compatibility in your application.
Figure 4 shows the recommended decoupling circuit for in-
terfacing the output of the integrated sensor to the A/D input of
a microprocessor or microcontroller. Proper decoupling of the
power supply is recommended.
Figure 1.
Figure 2. Output versus Pressure Differential
Figure 3. Cross-Sectional Diagrams
(Not to Scale)
Figure 4. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646)
5
4
3
2
1
0
0
10
20
30
40
50
60
70
80
90
100
PRESSURE (kPa)
Transfer Function MPX5100D/MPX5100G/MPXV5100G Series
Vout = VS x (0.009 x P + 0.04)
± (Pressure Error x Temperature Factor x 0.009 x VS)
VS = 5.0 V ± 0.25 Vdc
PE = 2.5
TM = 1
Temperature = 0–85°C
MAX
MIN
TYPICAL
110
OFFSET
(TYP)
ABSOLUTE ELEMENT
DIE
BOND
STAINLESS STEEL
METAL COVER
EPOXY PLASTIC
CASE
DIE
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD FRAME
DIFFERENTIAL/GAUGE ELEMENT
DIE
BOND
EPOXY PLASTIC
CASE
STAINLESS STEEL
METAL COVER
FLUORO SILICONE
GEL DIE COAT
DIE
LEAD FRAME
WIRE BOND
IPS
+5 V
1.0
µF0.01 µF
VS
Vout
OUTPUT
GND
470 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com