Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP501PZP Datasheet(PDF) 14 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 10Page - Texas Instruments TFP501PZP Datasheet HTML 11Page - Texas Instruments TFP501PZP Datasheet HTML 12Page - Texas Instruments TFP501PZP Datasheet HTML 13Page - Texas Instruments TFP501PZP Datasheet HTML 14Page - Texas Instruments TFP501PZP Datasheet HTML 15Page - Texas Instruments TFP501PZP Datasheet HTML 16Page - Texas Instruments TFP501PZP Datasheet HTML 17Page - Texas Instruments TFP501PZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
PANEL
PIXEL RATE
ODCK LATCH EDGE
ODCK
DFO
PIXS
OCK_INV
24-bit DSTN
2 pixel/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pixel/clock
Rising
Gated low
1
1
1
TFP501 OUTPUT DRIVER CONFIGURATIONS
The TFP501 provides flexibility by offering various output driver features that can be used to optimize power
consumption, ground-bounce and power-supply noise. The following sections outline the output driver features
and their effects.
Output driver power down (PDO = low.) Pulling PDO low places all the output drivers, except CTL1 and SCDT,
into a high-impedance state. A weak pulldown (approximately 10
µA) gradually pulls these high-impedance
outputs to a low level to prevent the outputs from floating. The SCDT output, which indicates link-disabled or
link-inactive, can be tied directly to the PDO input to disable the output drivers when the link is inactive or when
the cable is disconnected. An internal pullup on the PDO pin defaults the TFP501 to the normal nonpower-down
output drive mode if left unconnected.
Drive Strength (ST = high for high drive strength, ST = low for low drive strength.) The TFP501 allows for
selectable output drive strength on the data, control, and ODCK outputs. See the dc specifications table for the
values of IOH and IOL current drives for a given ST state. The high output strength offers approximately two times
the drive as the low output drive strength.
Time Staggered Pixel Output. This option works only in conjunction with the 2-pixel/clock mode (PIXS = high.)
Setting STAG = low will time stagger the even and odd pixel output so as to reduce the amount of instantaneous
current surge from the power supply. Depending on the PCB layout and design this can help reduce the amount
of system ground bounce and power supply noise. The time stagger is such that in 2-pixel/clock mode the even
pixel is delayed from the latching edge of ODCK by 0.25 T(ODCK). (T(ODCK) is the period of ODCK. The ODCK
period is 2 t(pixel) when in 2-pixel/clock mode.)
Depending on system constraints of output load, pixel rate, panel input architecture, and board cost, the TFP501
drive strength and staggered pixel options allow flexibility to reduce system power supply noise, ground bounce
and EMI.
Power Management.
The TFP501 offers several system power management features. The output driver power down (PDO = low) is
an intermediate mode which offers several uses. During this mode, all output drivers except SCDT and CTL1 are
driven to a high-impedance state while the rest of the device circuitry remains active.
The TFP501 power down (PD = low) is a complete power down in that it powers down the digital core, the
analog circuitry and output drivers. All output drivers are placed into a high-impedance state. All inputs are
disabled except for the PD input. The TFP501 does not respond to any digital or analog inputs until PD is pulled
high.
Both PDO and PD have internal pullups so if left unconnected they default the TFP501 to normal operating
modes.
Sync Detect. The TFP501 offers an output, SCDT, to indicate link activity. The TFP501 monitors activity on DE
to determine if the link is active. When 1 million pixel clock periods pass without a transition on DE, the TFP501
considers the link inactive and SCDT is driven low. SCDT goes high immediately after the first eight transitions
on DE. SCDT again goes low when no more transitions are seen after 218 oscillator clocks.
SCDT can be used to signal a system power management circuit to initiate a system power down when the link
is considered inactive. The SCDT can also be tied directly to the TFP501 PDO input to power down the output
drivers when the link is inactive. It is not recommended to use the SCDT to drive the PD input since, once in
complete power down, the analog inputs are ignored and the SCDT state does not change. An external, system
power management circuit to drive PD is preferred.
HDCP REGISTER MAP
TFP501 is a standard I2C slave device. All the registers can be written and read through the I2C interface. The
I2C base address of TFP501 is dependent on pin 10 (A0) as shown below.
14
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com