Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1040CPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 12Page - Texas Instruments THS1040CPWR Datasheet HTML 13Page - Texas Instruments THS1040CPWR Datasheet HTML 14Page - Texas Instruments THS1040CPWR Datasheet HTML 15Page - Texas Instruments THS1040CPWR Datasheet HTML 16Page - Texas Instruments THS1040CPWR Datasheet HTML 17Page - Texas Instruments THS1040CPWR Datasheet HTML 18Page - Texas Instruments THS1040CPWR Datasheet HTML 19Page - Texas Instruments THS1040CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
16
www.ti.com
PRINCIPLES OF OPERATION
ADC reference generation
The THS1040 ADC references REFT and REFB can be driven from external (off-chip) sources or from the
internal (on-chip) reference buffer A2. The voltage at the MODE pin determines the ADC references source.
Connecting MODE to AGND enables external ADC references mode. In this mode the internal buffer A2 is
powered down and the user must provide the REFT and REFB voltages by connecting external sources directly
to these pins. This mode is useful where several THS1040 devices must share common references for best
matching of their ADC input ranges, or when the application requires better accuracy and temperature stability
than the on-chip reference source can provide.
Connecting MODE to AVDD or AVDD/2 enables internal ADC references mode. In this mode the buffer A2 is
powered up and drives the REFT and REFB pins. External reference sources should not be connected in this
mode. Using internal ADC references mode when possible helps to reduce the component count and hence
the system cost.
When MODE is connected to AVDD, a buffered AVDD/2 voltage is available at the BIASREF pin. This voltage
can be used as a dc bias level for any ac-coupling networks connecting the input signal sources to the AIN+
and AIN− pins.
MODE PIN
REFERENCE SELECTION
BIASREF PIN FUNCTION
AGND
External
High impedance
AVDD/2
Internal
High impedance
AVDD
Internal
AVDD/2 for AIN± bias
external reference mode (MODE = AGND)
Sample
and
Hold
X1
X−1
ADC
Core
AIN+
AIN−
Internal
Reference
Buffer
VREF
REFT
REFB
Figure 21. ADC Reference Generation, MODE = AGND
Connecting pin MODE to AGND powers down the internal references buffer A2 and disconnects its outputs from
the REFT and REFB pins. The user must connect REFT and REFB to external sources to provide the ADC
reference voltages required to match the THS1040 input range to their application requirements. The
common-mode reference voltage must be AVDD/2 for correct THS1040 operation:
(REFT
) REFB)
2
+
AV
DD
2
(6)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com