| Electronic Components Datasheet Search |
|
THS1040CPWR Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS1040CPWR Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 33 page ![]() THS1040 SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004 15 www.ti.com PRINCIPLES OF OPERATION sample-and-hold Differential input signal sources can be connected directly to the AIN+ and AIN− pins using either dc- or ac-coupling. For single-ended sources, the signal can be dc- or ac-coupled to one of AIN+ or AIN−, and a suitable reference voltage (usually the midscale voltage, see operating configuration examples) must be applied to the other pin. Note that connecting the signal to AIN− results in it being inverted during sampling. The sample and hold differential output voltage VQ = (VQ+) − (VQ−) is given by: VQ = (AIN+) − (AIN−) analog-to-digital converter VQ is digitized by the ADC, using the voltages at pins REFT and REFB to set the ADC zero-scale (code 0) and full-scale (code 1023) input voltages. VQ(ZS) +* (REFT * REFB) VQ(FS) + (REFT * REFB) Any inputs at AIN+ and AIN− that give VQ voltages less than VQ(ZS) or greater than VQ(FS) lie outside the ADC’s conversion range and attempts to convert such voltages are signalled by driving pin OVR high when the conversion result is output. VQ voltages less than VQ(ZS) digitize to give ADC output code 0 and VQ voltages greater than VQ(FS) give ADC output code 1023. complete system and system input range Combining the above equations to find the input voltages [(AIN+) − (AIN−)] that correspond to the limits of the ADC’s valid input range gives: (REFB * REFT) v [(AIN)) * (AIN*)] v (REFT * REFB) For both single-ended and differential inputs, the ADC can thus handle signals with a peak-to-peak input range [(AIN+) − (AIN−)] of: [(AIN+) − (AIN−)] pk-pk input range = 2 x (REFT − REFB) The REFT and REFB voltage difference and the gain sets the device input range. The next sections describe in detail the various methods available for setting voltages REFT and REFB to obtain the desired input span and device performance. (1) (2) (3) (4) (5) Not Recommended For New Designs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |