Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 2 Page - Texas Instruments

  THS4021 Datasheet HTML 1Page - Texas Instruments THS4021 Datasheet HTML 2Page - Texas Instruments THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
OUT
8
6
1
IN–
IN+
2
3
Null
S0273-01
1OUT
1IN–
1IN+
V
CC
2OUT
2IN–
2IN+
–V
CC
S0274-01
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
CAUTION: The THS4021 and THS4022 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
NUMBER OF
EVALUATION
PLASTIC
TA
MSOP SYMBOL
PLASTIC MSOP(2)
CHANNELS
MODULE
SMALL OUTLINE(2)
(DGN)
(D)
1
THS4021CD
THS4021CDGN
ACK
THS4021EVM
0
°C to 70°C
2
THS4022CD
THS4022CDGN
ACA
THS4022EVM
1
THS4021ID
THS4021CIDGN
ACL
–
–40
°C to 85°C
2
THS4022ID
THS4022CIDGN
ACB
–
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (for example, THS4021CDGN).
Figure 2. THS4021—Single Channel
Figure 3. THS4022—Dual Channel
2
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com