Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 3 Page - Texas Instruments

  THS4021 Datasheet HTML 1Page - Texas Instruments THS4021 Datasheet HTML 2Page - Texas Instruments THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
±16.5
V
VI
Input voltage
±VCC
V
IO
Output current
150
mA
VIO
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Ratings table
TJ
Maximum junction temperature
150
°C
Operating free-air temperature: C-suffix
0 to 70
TA
°C
I-suffix
–40 to 85
Tstg
Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
θJA
θJC
TA = 25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
D(1)
167
38.3
740 mW
DGN(2)
58.4
4.7
2.14 W
(1)
This data was taken using the JEDEC standard low-K test PCB. For the JEDEC proposed high-K test PCB, the
θJA is 95°C/W with a
power rating at TA = 25°C of 1.32 W.
(2)
This data was taken using 2-oz. (0.071-mm thick) trace and copper pad on a 3-in.
× 3-in. (7.62-cm × 7.62-cm) PCB, with the device
soldered directly to the board. For further information, see the Application Information section of this data sheet.
MIN
NOM
MAX
UNIT
Dual supply
±4.5
±16
VCC+ and VCC–
Supply voltage
V
Single supply
9
32
C-suffix
0
70
TA
Operating free-air temperature
°C
I-suffix
–40
85
at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance
VCC = ±15 V
350
Gain = 10
VCC = ±5 V
280
Small-signal bandwidth
(–3 dB)
VCC = ±15 V
80
Gain = 20
VCC = ±5 V
70
BW
MHz
VCC = ±15 V
17
Bandwidth for 0 1-dB flatness
Gain = 10
VCC = ±5 V
17
VO(pp) = 20 V, VCC = ±15 V
3.7
Full power bandwidth(1)
VO(pp) = 5 V, VCC = ±5 V
11.8
VCC = ±15 V, 10-V step
470
SR
Slew rate(2)
Gain = 10
V/
μs
VCC = ±5 V, 5-V step
370
(1)
Full-power bandwidth = slew rate / 2
π VO(Peak).
(2)
Slew rate is measured from an output level range of 25% to 75%.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com