Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS789 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS789
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS789 Datasheet HTML 17Page - Texas Instruments THS789 Datasheet HTML 18Page - Texas Instruments THS789 Datasheet HTML 19Page - Texas Instruments THS789 Datasheet HTML 20Page - Texas Instruments THS789 Datasheet HTML 21Page - Texas Instruments THS789 Datasheet HTML 22Page - Texas Instruments THS789 Datasheet HTML 23Page - Texas Instruments THS789 Datasheet HTML 24Page - Texas Instruments THS789 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
THS789
www.ti.com
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
Table 13. Channel D (continued)
Word/Bit
Register
Register Name
Default Value
Address
15
14
13 12
11 10
9
8
7
6
5
4
3
2
1
0
6Ch
Calibration:Pos Sync
0000h
EdgePos Event Edge
6Dh
Calibration:Pos Sync
0000h
EdgeNeg Event Edge
6Eh
Calibration:Neg Sync
0000h
EdgePos Event Edge
6Fh
Calibration:Neg Sync
0000h
EdgeNeg Event Edge
70h
Timestamp
0000h
71h
0000h
72h
0
0
0
0
0
0
0
0
0000h
Table 14. Central Registers
Word/Bit
Register
Register Name
Default Value
Address
15
14
13 12
11 10
9
8
7
6
5
4
3
2
1
0
80h
Control
1
0
1
0
0
0
0
1
0000h
81h
Control
X
X
X
X
X
X
X
X
X
X
X
X
X
0000h
82h
Status
X
X
X
X
X
X
X
X
X
X
X
X
0000h
83h
Chip ID
ID
ID
ID
ID
ID
ID
ID
ID
8010h
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com