Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS789 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS789
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS789 Datasheet HTML 9Page - Texas Instruments THS789 Datasheet HTML 10Page - Texas Instruments THS789 Datasheet HTML 11Page - Texas Instruments THS789 Datasheet HTML 12Page - Texas Instruments THS789 Datasheet HTML 13Page - Texas Instruments THS789 Datasheet HTML 14Page - Texas Instruments THS789 Datasheet HTML 15Page - Texas Instruments THS789 Datasheet HTML 16Page - Texas Instruments THS789 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data transfer protocol for single write operation
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
28
HCLK
26
25
29
1
Hdata
A7
A6
A5
A4
A3
R/W
Register Address (A7:A0)
Data In
A1
A2
D14
D13
D2
A0
D12
D1
X
D15
X
R/W
w0
D0
1 clock for next
transaction = 30
st
Hstrobe
0
T0425-01
Data transfer protocol for Read operations
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
27
HCLK
18
17
28
29
1
Hdata
A7
A6
A5
A4
A3
R/W
Register Address (A7:A0)
Data Out
A1
A2
D14
D13
D11
A0
D12
D10
r0
X
X
R/W
D0
D9
Hstrobe
X
D15
Hdata becomes output
Driving the line
T0427-01
THS789
www.ti.com
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
Programming (continued)
7.5.1.7 Chip ID
Address (83h) is a read-only register that identifies the product and the die revision. The 16-bit register is divided
into two 8-bit sections. The LSB represents the revision history and the MSB represents the last two digits of
THS789 device (that is, 80). The first revision (1.0) is as follows:
1000 0000 0001.0000
7.5.1.8 Read Operations
Reading the THS789 device registers via the host interface requires the following sequence:
The host controller initiates a read cycle by setting the host strobe signal, Hstrobe, to a low state. The serial
Hdata sequence starts with a high R/W bit, followed by (either 1 or 0) for parallel-write bit and 8 bits of address,
with most-significant bit (A7) first. The host controller should put the Hdata signal in the high-impedance state
beginning at the falling edge of HCLK pulse 10. The THS789 device allows one clock cycle, (r0) for the host to
reverse the data-channel direction and begins driving the Hdata line on the falling edge of HCLK pulse 11. The
data is read beginning with the most-significant bit (D15) and ending with the least-significant bit (D0).
The host must drive Hstrobe to a high state for a minimum of two HCLK periods beginning at the falling edge of
HCLK pulse 27 to indicate the completion of the read cycle. Figure 2 shows the timing diagram of the read
operation.
Figure 2. Read Operation
7.5.1.9 Write Operations
Writing into the THS789 device registers via the host interface requires the following sequence:
After the Hstrobe line is pulled low (start condition), the R/W bit is set low, followed by a 0 for the parallel-write bit
(single-register write), then the memory address (A7–A0) followed by the data (D15:D0) to be programmed. The
next clock cycle (w) is required to allow data to be latched and stored at the destination address (or addresses in
the case of a parallel write), followed by at least two dummy clock cycles during which the Hstrobe is high,
indicating the completion of the write cycle. Figure 3 and Figure 3 show timing diagrams of write operations.
Figure 3. Write Operation
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com