Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ACDRE4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACDRE4 Datasheet(HTML) 3 Page - Texas Instruments

  TL072ACDRE4 Datasheet HTML 1Page - Texas Instruments TL072ACDRE4 Datasheet HTML 2Page - Texas Instruments TL072ACDRE4 Datasheet HTML 3Page - Texas Instruments TL072ACDRE4 Datasheet HTML 4Page - Texas Instruments TL072ACDRE4 Datasheet HTML 5Page - Texas Instruments TL072ACDRE4 Datasheet HTML 6Page - Texas Instruments TL072ACDRE4 Datasheet HTML 7Page - Texas Instruments TL072ACDRE4 Datasheet HTML 8Page - Texas Instruments TL072ACDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1IN+
NC
VCC+
NC
2IN+
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC−
NC
3IN+
NC
VCC+
NC
OUT
NC
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
IN−
NC
IN+
NC
NC
2OUT
NC
2IN−
NC
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
1IN−
NC
1IN+
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
1
2
3
4
5
10
9
8
7
6
NC
1OUT
1IN−
1IN+
VCC−
NC
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
NC
VCC+
OUT
OFFSET N2
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
www.ti.com
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
5 Pin Configuration and Functions
TL071x D, P, and PS Package
TL072x D, JG, P, PS and PW Package
8-Pin SOIC, PDIP, SO
8-Pin SOIC, CDIP, PDIP, SO
Top View
Top View
TL074x D, J, N , NS, PW, and W Package
TL072 U Package
14-Pin SOIC, CDIP, PDIP, SO and CFP
10-Pin CFP
Top View
Top View
TL071 FK Package
TL072 FK Package
20-Pin LCCC
20-Pin LCCC
Top View
Top View
TL074 FK Package
20-Pin LCCC
Top View
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com