Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ACDRE4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACDRE4 Datasheet(HTML) 5 Page - Texas Instruments

  TL072ACDRE4 Datasheet HTML 1Page - Texas Instruments TL072ACDRE4 Datasheet HTML 2Page - Texas Instruments TL072ACDRE4 Datasheet HTML 3Page - Texas Instruments TL072ACDRE4 Datasheet HTML 4Page - Texas Instruments TL072ACDRE4 Datasheet HTML 5Page - Texas Instruments TL072ACDRE4 Datasheet HTML 6Page - Texas Instruments TL072ACDRE4 Datasheet HTML 7Page - Texas Instruments TL072ACDRE4 Datasheet HTML 8Page - Texas Instruments TL072ACDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
www.ti.com
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+ - VCC–
Supply voltage(2)
–18
18
V
VID
Differential input voltage(3)
–30
30
V
VI
Input voltage(2)(4)
–15
15
V
Duration of output short circuit(5)
Unlimited
TJ
Operating Virtual Junction Temperature
150
°C
Case temperature for 60 seconds - FK package
260
°C
Lead temperature 1.8 mm (1/16 inch) from case for 10 seconds
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
VCM
Common-mode voltage
VCC– + 4
VCC+ – 4
V
TL07xM
–55
125
TL08xQ
–40
125
TA
Operating free-air temperature
°C
TL07xI
–40
85
TL07xA, TL07xB, TL07xC
0
70
6.4 Thermal Information
TL071/TL072/TL074
FK
PW
D (SOIC)
J (CDIP)
N (PDIP)
NS (SO)
THERMAL METRIC(1)
(LCCC)
(TSSOP)
UNIT
8
14
20
8
14
8
14
14
8
14
8 PINS
PINS
PINS
PINS
PINS
PINS
PINS
PINS
PINS
PINS PINS
Junction-to-ambient
RθJA
97
86
—
—
—
85
80
95
76
150
113
°C/W
thermal resistance
Junction-to-case (top)
RθJC(top)
—
—
5.61
15.05
14.5
—
—
—
—
—
—
°C/W
thermal resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com