Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ACPE4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL072ACPE4 Datasheet HTML 2Page - Texas Instruments TL072ACPE4 Datasheet HTML 3Page - Texas Instruments TL072ACPE4 Datasheet HTML 4Page - Texas Instruments TL072ACPE4 Datasheet HTML 5Page - Texas Instruments TL072ACPE4 Datasheet HTML 6Page - Texas Instruments TL072ACPE4 Datasheet HTML 7Page - Texas Instruments TL072ACPE4 Datasheet HTML 8Page - Texas Instruments TL072ACPE4 Datasheet HTML 9Page - Texas Instruments TL072ACPE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
www.ti.com
6.5 Electrical Characteristics, TL07xC, TL07xAC, TL07xBC, TL07xI
VCC± = ±15 V (unless otherwise noted)
TL071C, TL072C,
TL071AC, TL072AC,
TL071BC, TL072BC,
TL071I, TL072I, TL074I
TEST
TL074C
TL074AC
TL074BC
PARAMETER
TA
(2)
UNIT
CONDITIONS
(1)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
25°C
3
10
3
6
2
3
3
6
Input offset
VIO
VO = 0,
RS = 50 Ω
mV
voltage
Full range
13
7.5
5
8
Temperature
coefficient of
VO = 0,
RS = 50 Ω
Full range
18
18
18
18
µV/°C
αV
IO
input offset
voltage
25°C
5
100
5
100
5
100
5
100
pA
Input offset
IIO
VO = 0
current
Full range
10
2
2
2
nA
25°C
65
200
65
200
65
200
65
200
pA
Input bias
IIB
VO = 0
current
(3)
Full range
7
7
7
7
nA
Common-mode
–12
–12
–12
–12
VICR
input voltage
25°C
±11
to
±11
to
±11
to
±11
to
V
range
15
15
15
15
RL= 10 kΩ
25°C
±12
±13.5
±12
±13.5
±12
±13.5
±12
±13.5
Maximum peak
VOM
output voltage
RL≥ 10 kΩ
±12
±12
±12
±12
V
Full range
swing
RL≥ 2 kΩ
±10
±10
±10
±10
Large-signal
25°C
25
200
50
200
50
200
50
200
differential
AVD
VO = ±10 V,
RL≥ 2 kΩ
V/mV
voltage
Full range
15
25
25
25
amplification
Utility-gain
B1
25°C
3
3
3
3
MHz
bandwidth
rI
Input resistance
25°C
Ω
10
12
10
12
10
12
10
12
VIC = VICRmin,
Common-mode
CMRR
25°C
70
100
75
100
75
100
75
100
dB
rejection ratio
VO = 0,
RS = 50 Ω
Supply-voltage
VCC = ±9 V to ±15 V,
kSVR
rejection ratio
25°C
70
100
80
100
80
100
80
100
dB
VO = 0,
RS = 50 Ω
(
ΔVCC±/ΔVIO)
Supply current
ICC
VO = 0,
No load
25°C
1.4
2.5
1.4
2.5
1.4
2.5
1.4
2.5
mA
(each amplifier)
Crosstalk
VO1 /VO2
AVD = 100
25°C
120
120
120
120
dB
attenuation
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
(2)
Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = –40°C to 85°C for TL07_I.
(3)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 1. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
6
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com