Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ACPE4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL072ACPE4 Datasheet HTML 4Page - Texas Instruments TL072ACPE4 Datasheet HTML 5Page - Texas Instruments TL072ACPE4 Datasheet HTML 6Page - Texas Instruments TL072ACPE4 Datasheet HTML 7Page - Texas Instruments TL072ACPE4 Datasheet HTML 8Page - Texas Instruments TL072ACPE4 Datasheet HTML 9Page - Texas Instruments TL072ACPE4 Datasheet HTML 10Page - Texas Instruments TL072ACPE4 Datasheet HTML 11Page - Texas Instruments TL072ACPE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TA − Free-Air Temperature − °C
10
1
0.1
0.01
100
−75
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
RL = 10 k
TA = 25°C
See Figure 2
±15
±12.5
±10
±7.5
±5
±2.5
0
f − Frequency − Hz
100
1 k
10 k
100 k
1 M
10 M
VCC± = ±5 V
VCC± = ±10 V
VCC± = ±15 V
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
www.ti.com
6.8 Typical Characteristics
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various
devices.
Table 1. Table of Graphs
Figure
IIB
Input bias current
versus Free-air temperature
Figure 1
versus Frequency
Figure 2, Figure 3, Figure 4
versus Free-air temperature
Figure 5
VOM
Maximum peak output voltage
versus Load resistance
Figure 6
versus Supply voltage
Figure 7
Large signal differential voltage
versus Free-air temperature
Figure 8
AVD
amplification
versus Load resistance
Figure 9
Phase shift
versus Frequency
Figure 9
Normalized unity-gain bandwidth
versus Free-air temperature
Figure 10
Normalized phase shift
versus Free-air temperature
Figure 10
CMRR
Common-mode rejection ratio
versus Free-air temperature
Figure 11
versus Free-air temperature
Figure 12
ICC
Supply current
versus Supply voltage
Figure 13
PD
Total power dissipation
versus Free-air temperature
Figure 14
Normalized slew rate
versus Free-air temperature
Figure 15
Vn
Equivalent input noise voltage
versus Frequency
Figure 16
THD
Total harmonic distortion
versus Frequency
Figure 17
Large-signal pulse response
versus Time
Figure 18
VO
Output voltage
versus Elapsed time
Figure 19
Figure 2. Maximum Peak Output Voltage vs Frequency
Figure 1. Input Bias Current vs Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com