Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPSR Datasheet(PDF) 11 Page - Texas Instruments

Part # TL072ACPSR
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL072ACPSR Datasheet HTML 7Page - Texas Instruments TL072ACPSR Datasheet HTML 8Page - Texas Instruments TL072ACPSR Datasheet HTML 9Page - Texas Instruments TL072ACPSR Datasheet HTML 10Page - Texas Instruments TL072ACPSR Datasheet HTML 11Page - Texas Instruments TL072ACPSR Datasheet HTML 12Page - Texas Instruments TL072ACPSR Datasheet HTML 13Page - Texas Instruments TL072ACPSR Datasheet HTML 14Page - Texas Instruments TL072ACPSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
−6
t − Time − µs
3.5
6
0
0.5
1
1.5
2
2.5
3
−4
−2
0
2
4
Output
Input
VCC± = ±15 V
RL = 2 k
TA = 25°C
CL = 100 pF
0.001
1
40 k
10 k
4 k
1 k
400
100 k
f − Frequency − Hz
100
0.004
0.01
0.04
0.1
0.4
VCC± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
10
0
f − Frequency − Hz
100 k
50
10
20
30
40
VCC± = ±15 V
AVD = 10
RS = 20
TA = 25°C
40 100
400 1 k
4 k 10 k
40 k
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
www.ti.com
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
Figure 16. Equivalent Input Noise Voltage vs Frequency
Figure 15. Normalized Slew Rate vs Free-Air Temperature
Figure 17. Total Harmonic Distortion vs Frequency
Figure 18. Voltage-Follower Large-Signal Pulse Response
Figure 19. Output Voltage vs Elapsed Time
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com