Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPSR Datasheet(PDF) 12 Page - Texas Instruments

Part # TL072ACPSR
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPSR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL072ACPSR Datasheet HTML 8Page - Texas Instruments TL072ACPSR Datasheet HTML 9Page - Texas Instruments TL072ACPSR Datasheet HTML 10Page - Texas Instruments TL072ACPSR Datasheet HTML 11Page - Texas Instruments TL072ACPSR Datasheet HTML 12Page - Texas Instruments TL072ACPSR Datasheet HTML 13Page - Texas Instruments TL072ACPSR Datasheet HTML 14Page - Texas Instruments TL072ACPSR Datasheet HTML 15Page - Texas Instruments TL072ACPSR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
N1
100 k
Ω
TL071
N2
1.5 k
Ω
VCC−
OUT
IN−
IN+
VI
10 k
Ω
1 k
Ω
RL
CL = 100 pF
OUT
VI
CL = 100 pF
RL = 2 kΩ
+
OUT
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
www.ti.com
7 Parameter Measurement Information
Figure 20. Unity-Gain Amplifier
Figure 21. Gain-of-10 Inverting Amplifier
Figure 22. Input Offset-Voltage Null Circuit
12
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com