Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPSRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TL072ACPSRG4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPSRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL072ACPSRG4 Datasheet HTML 12Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 13Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 14Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 15Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 16Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 17Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 18Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 19Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
−15 V
15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 µF
RF = 100 kΩ
3.3 k
Ω
TL071
f =
1
2
R
F
C
F
R2
R1
C1
C2
R3
C3
VCC−
VCC+
TL071
Output
Input
C1 = C2 =
C3
2
= 110 pF
f
O =
1
2π R1 C1
= 1 kHz
R1 = R2 = 2R3 = 1.5 M
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Time (ms)
VIN
VOUT
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
Figure 24. Input and Output Voltages of the Inverting Amplifier
9.3 System Examples
Figure 25. 0.5-Hz Square-Wave Oscillator
Figure 26. High-Q Notch Filter
16
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com