Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACPSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL072ACPSRG4
Description  Low-Noise JFET-Input Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL072ACPSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TL072ACPSRG4 Datasheet HTML 1Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 2Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 3Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 4Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 5Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 6Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 7Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 8Page - Texas Instruments TL072ACPSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
+
−
+
−
IN+
IN−
OUT
IN+
IN−
OUT
TL072 (each amplifier)
TL074 (each amplifier)
TL071
OFFSET N1
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
TL07xx Low-Noise JFET-Input Operational Amplifiers
1 Features
3 Description
The TL07xx JFET-input operational amplifier family is
1
•
Low Power Consumption
designed
to
offer
a
wider
selection
than
any
•
Wide Common-Mode and Differential Voltage
previously developed operational amplifier family.
Ranges
Each of these JFET-input operational amplifiers
•
Low Input Bias and Offset Currents
incorporates well-matched, high-voltage JFET and
bipolar transistors in a monolithic integrated circuit.
•
Output Short-Circuit Protection
•
Low Total Harmonic Distortion: 0.003% Typical
The devices feature high slew rates, low-input bias
and
offset
currents,
and
low
offset-voltage
•
Low Noise
temperature coefficient. The low harmonic distortion
Vn = 18 nV/√Hz Typ at f = 1 kHz
and low noise make the TL07xseries ideally suited for
•
High-Input Impedance: JFET Input Stage
high-fidelity and audio pre-amplifier applications.
•
Internal Frequency Compensation
Offset adjustment and external compensation options
are available within the TL07x family.
•
Latch-Up-Free Operation
•
High Slew Rate: 13 V/
μs Typical
Device Information(1)
•
Common-Mode Input Voltage Range
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Includes VCC+
SOIC (14)
8.65 mm × 3.91 mm
TL07xxD
SOIC (8)
4.90 mm x 3.90 mm
2 Applications
TL07xxFK
LCCC (20)
8.89 mm × 8.89 mm
•
Motor Integrated Systems: UPS
TL07xxJG
PDIP (8)
9.59 mm x 6.67 mm
•
Drives and Control Solutions: AC Inverter and VF
TL074xJ
CDIP (14)
19.56 mm × 6.92 mm
Drives
TL07xxP
PDIP (8)
9.59 mm x 6.35 mm
•
Renewables: Solar Inverters
TL07xxPS
SO (8)
6.20 mm x 5.30 mm
•
Pro Audio Mixers
TL074xN
PDIP (14)
19.3 mm × 6.35 mm
•
DLP Front Projection System
TL074xNS
SO (14)
10.30 mm × 5.30 mm
•
Oscilloscopes
TL07xxPW
TSSOP (8)
4.40 mm x 3.00 mm
TL074xPW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Symbols
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL072ACPSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL072ACPSRG4 TI-TL072ACPSRG4 Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ACPSRG4 TI-TL072ACPSRG4 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ACPSRG4 TI-TL072ACPSRG4 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ACPSRG4 TI1-TL072ACPSRG4 Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ACPSRG4 TI-TL072ACPSRG4 Datasheet
1Mb / 49P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL072ACPSRG4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL071 TI-TL071_07 Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_96 Datasheet
220Kb / 14P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_10 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
Low-Noise JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com