Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W232 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W232
Description  Ten Output Zero Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W232 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W232 Datasheet HTML 1Page - Cypress Semiconductor W232 Datasheet HTML 2Page - Cypress Semiconductor W232 Datasheet HTML 3Page - Cypress Semiconductor W232 Datasheet HTML 4Page - Cypress Semiconductor W232 Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
W232
2
Overview
The W232 is a PLL-based clock driver designed for use in
systems requiring a large number of synchronous timing sig-
nals. The clock driver has output frequencies of up to 140 MHz
and output-to-output skews of less than 100 ps. The W232
provides minimum cycle-to-cycle and long-term jitter, which is
of significant importance to meet the tight input-to-input skew
budget in DIMM applications.
The W232 was specifically designed to accept SSFTG signals
currently being used in motherboard designs to reduce EMI.
Zero delay buffers which are not designed to pass this feature
through may cause skewing failures.
Output enable pins allow for shutdown of output when they are
not being used. This reduces EMI and power consumption.
Pin Definitions
Pin
Name
Pin No.
(-09)
Pin No.
(-10)
Pin
Type
Pin Description
CLK
24
24
I
Reference Input: Output signals Q0:9 will be synchronized to this signal.
FBIN
13
13
I
Feedback Input: This input must be fed by one of the outputs (typically
FBOUT) to ensure proper functionality. If the trace between FBIN and FBOUT
is equal in length to the traces between the outputs and the signal destina-
tions, then the signals received at the destinations will be synchronized to the
CLK signal input.
Q0:8
3, 4, 5, 8,
9, 16, 17,
20, 21
3, 4, 5, 8,
9, 15, 16,
17, 20, 21
O
Outputs: The frequency and phase of the signals provided by these pins will
be equal to the reference signal if properly laid out.
FBOUT
12
12
O
Feedback Output: Typically this is connected directly to the FBIN input with
a trace equal in length to the traces between outputs Q0:9 and the destination
points of these output signals.
AVDD
23
23
P
Analog Power Connection: Connect to 3.3V. Use ferrite beads to help re-
duce noise for optimal jitter performance.
AGND
1
1
G
Analog Ground Connection: Connect to common system ground plane.
VDD
2, 10, 15,
22
2, 10, 14
22
P
Power Connections: Connect to 3.3V. Use ferrite beads to help reduce
noise for optimal jitter performance.
GND
6, 7, 18,
19
6, 7, 18,
19
G
Ground Connections: Connect to common system ground plane.
OE0:4
11
--
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When
brought to GND (LOW, 0) outputs Q0:4 are disabled to a LOW state.
OE
--
11
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When
brought to GND (LOW, 0) outputs Q0:9 are disabled to a LOW state.
OE5:8
14
--
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. When
brought to GND (LOW, 0) outputs Q5:8 are disabled to a LOW state.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com