Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2953QML Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 7Page - Texas Instruments LP2953QML Datasheet HTML 8Page - Texas Instruments LP2953QML Datasheet HTML 9Page - Texas Instruments LP2953QML Datasheet HTML 10Page - Texas Instruments LP2953QML Datasheet HTML 11Page - Texas Instruments LP2953QML Datasheet HTML 12Page - Texas Instruments LP2953QML Datasheet HTML 13Page - Texas Instruments LP2953QML Datasheet HTML 14Page - Texas Instruments LP2953QML Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VI = 6V, IL = 1 mA, CL = 2.2 μF, VSD = 3V, TA = 25°C, VO = 5V.
Load Transient Response
Load Transient Response
Figure 15.
Figure 16.
Dropout Characteristics
Enable Transient
Figure 17.
Figure 18.
Short-Circuit Output Current
Enable Transient
and Maximum Output Current
Figure 19.
Figure 20.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com