Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2953QML Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 12Page - Texas Instruments LP2953QML Datasheet HTML 13Page - Texas Instruments LP2953QML Datasheet HTML 14Page - Texas Instruments LP2953QML Datasheet HTML 15Page - Texas Instruments LP2953QML Datasheet HTML 16Page - Texas Instruments LP2953QML Datasheet HTML 17Page - Texas Instruments LP2953QML Datasheet HTML 18Page - Texas Instruments LP2953QML Datasheet HTML 19Page - Texas Instruments LP2953QML Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LP2953QML, LP2953QML-SP
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
Dropout Detection Comparator
This comparator produces a logic "LOW" whenever the output falls out of regulation by more than about 5%. This
figure results from the comparator's built-in offset of 60 mV divided by the 1.23V reference (refer to Block
Diagram). The 5% low trip level remains constant regardless of the programmed output voltage. An out-of-
regulation condition can result from low input voltage, current limiting, or thermal limiting.
Figure 32 gives a timing diagram showing the relationship between the output voltage, the ERROR output, and
input voltage as the input voltage is ramped up and down to a regulator programmed for 5V output. The ERROR
signal becomes low at about 1.3V input. It goes high at about 5V input, where the output equals 4.75V. Since the
dropout voltage is load dependent, the input voltage trip points will vary with load current. The output voltage
trip point does not vary.
The comparator has an open-collector output which requires an external pull-up resistor. This resistor may be
connected to the regulator output or some other supply voltage. Using the regulator output prevents an invalid
"HIGH" on the comparator output which occurs if it is pulled up to an external voltage while the regulator input
voltage is reduced below 1.3V. In selecting a value for the pull-up resistor, note that while the output can sink
400
μA, this current adds to battery drain. Suggested values range from 100 kΩ to 1 MΩ. This resistor is not
required if the output is unused.
When VIN ≤ 1.3V, the error flag pin becomes a high impedance, allowing the error flag voltage to rise to its pull-
up voltage. Using VOUT as the pull-up voltage (rather than an external 5V source) will keep the error flag voltage
below 1.2V (typical) in this condition. The user may wish to divide down the error flag voltage using equal-value
resistors (10 k
Ω suggested) to ensure a low-level logic signal during any fault condition, while still allowing a valid
high logic level during normal operation.
* In shutdown mode, ERROR will go high if it has been pulled up to an external supply. To avoid this invalid
response, pull up to regulator output.
** Exact value depends on dropout voltage. (See Application Hints)
Figure 32. ERROR Output Timing
Output Isolation
The regulator output can be left connected to an active voltage source (such as a battery) with the regulator input
power shut off, as long as the regulator ground pin is connected to ground. If the ground pin is left floating,
damage to the regulator can occur if the output is pulled up by an external voltage source.
Reducing Output Noise
In reference applications it may be advantageous to reduce the AC noise present on the output. One method is
to reduce regulator bandwidth by increasing output capacitance. This is relatively inefficient, since large
increases in capacitance are required to get significant improvement.
Noise can be reduced more effectively by a bypass capacitor placed across R1 (refer to Figure 31). The formula
for selecting the capacitor to be used is:
(3)
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com