Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3470 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470
Description  Voltage Supervisor With Programmable Delay
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3470 Datasheet HTML 4Page - Texas Instruments LP3470 Datasheet HTML 5Page - Texas Instruments LP3470 Datasheet HTML 6Page - Texas Instruments LP3470 Datasheet HTML 7Page - Texas Instruments LP3470 Datasheet HTML 8Page - Texas Instruments LP3470 Datasheet HTML 9Page - Texas Instruments LP3470 Datasheet HTML 10Page - Texas Instruments LP3470 Datasheet HTML 11Page - Texas Instruments LP3470 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
_
+
LP3470
V
REF
DELAY
R
A
R
B
Q
A
GND
Reset
SRT
V
CC
V
CC1
Copyright © 2016, Texas Instruments Incorporated
8
LP3470
SNVS003G – JUNE 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3470
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP3470 micropower voltage supervisory circuit provides a simple solution to monitor the power supplies in
microprocessor and digital systems and provides a reset controlled by the factory-programmed reset threshold
on the VCC supply voltage pin. When the voltage declines below the reset threshold, the reset signal is asserted
and remains asserted for an interval programmed by an external capacitor after VCC has risen above the
threshold voltage. The reset threshold options are 2.63 V, 2.93 V, 3.08 V, 3.65 V, 4 V, 4.38 V, 4.63 V.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Reset Time-Out Period
The reset time-out period (tRP) is programmable using an external capacitor (C1) connected to pin SRT of
LP3470. A ceramic chip capacitor rated at or above 10 V is sufficient. The reset time-out period (tRP) can be
calculated using Equation 1.
tRP (ms) = 2000 x C1 (µF)
(1)
For example a C1 of 100 nF will achieve a tRP of 200 ms. If no delay due to tRP is needed in a certain application,
the pin SRT must be left floating.
7.3.2 Reset Output
In applications like microprocessor (µP) systems, errors might occur in system operation during power up, power
down, or brownout conditions. It is imperative to monitor the power supply voltage to prevent these errors from
occurring.
The LP3470 asserts a reset signal whenever the VCC supply voltage is below a threshold (VRTH) voltage. Reset is
ensured to be a logic low for VCC > 0.5 V. Once VCC exceeds the reset threshold, the reset is kept asserted for a
time period (tRP) programmed by an external capacitor (C1); after this interval Reset goes to logic high. If a
brownout condition occurs (monitored voltage falls below the reset threshold minus a small hysteresis), Reset
goes low. When VCC returns above the reset threshold, Reset remains low for a time period tRP before going to
logic high. Figure 9 shows this behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com