Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3470 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470
Description  Voltage Supervisor With Programmable Delay
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3470 Datasheet HTML 8Page - Texas Instruments LP3470 Datasheet HTML 9Page - Texas Instruments LP3470 Datasheet HTML 10Page - Texas Instruments LP3470 Datasheet HTML 11Page - Texas Instruments LP3470 Datasheet HTML 12Page - Texas Instruments LP3470 Datasheet HTML 13Page - Texas Instruments LP3470 Datasheet HTML 14Page - Texas Instruments LP3470 Datasheet HTML 15Page - Texas Instruments LP3470 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
LP3470
SNVS003G – JUNE 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3470
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The input of the LP3470 is designed to handle up to the supply voltage absolute maximum rating of 6 V. If the
input supply is susceptible to any large transients above the maximum rating, then take extra precautions. An
input capacitor is optional but not required to help avoid false reset output triggers due to noise.
10 Layout
10.1 Layout Guidelines
•
Place components as close as possible to the IC
•
Keep traces short between the IC and the C1 capacitor to ensure the timing delay is as accurate as possible.
10.2 Layout Example
Figure 13 shows a layout example.
Figure 13. LP3470 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com