Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV862MMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV862MMX/NOPB
Description  LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV862MMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV862MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMV862MMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SUPPLY VOLTAGE (V)
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 2k
SUPPLY VOLTAGE (V)
5
4
3
2
1
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 10k
SUPPLY VOLTAGE (V)
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 2k
SUPPLY VOLTAGE (V)
5
4
3
2
1
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 10k
SUPPLY VOLTAGE (V)
250
200
150
100
50
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C 25°C
85°C
125°C
SUPPLY VOLTAGE (V)
250
200
150
100
50
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
LMV861, LMV862
SNOSAZ5C – FEBRUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TA = 25°C. RL = 10 kΩ, V
+ = 3.3V, V− = 0V, unless otherwise specified.
Sinking Current vs. Supply Voltage
Sourcing Current vs. Supply Voltage
Figure 16.
Figure 17.
Output Swing High vs. Supply Voltage RL = 2 kΩ
Output Swing High vs. Supply Voltage RL = 10 kΩ
Figure 18.
Figure 19.
Output Swing Low vs. Supply Voltage RL = 2 kΩ
Output Swing Low vs. Supply Voltage RL = 10 kΩ
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMV861 LMV862



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com