Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV844MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics – 3.3 V ............................. 4
6.6
Electrical Characteristics – 5 V ................................ 6
6.7
Electrical Characteristics – ±5-V .............................. 7
6.8
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Applications ................................................ 20
9
Power Supply Recommendations ...................... 24
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Related Links ........................................................ 25
11.2
Receiving Notification of Documentation Updates 25
11.3
Community Resources.......................................... 25
11.4
Trademarks ........................................................... 25
11.5
Electrostatic Discharge Caution ............................ 25
11.6
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (February 2013) to Revision H
Page
•
Added AEC-Q100 classification bullets for automotive applications in Features................................................................... 1
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision F (February 2013) to Revision G
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com