Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Z
LOAD
+
-
RF
RF
RS
V
+
RG
RG
FREQUENCY (Hz)
10
0
-10
-20
-30
-40
1k
10k
100k
FILTER A
FILTER B
COMBINED
FILTER
B
kHz
k
nF
1
1.9
6.2
27
=
=
p ´
W ´
B
kHz
k
nF
1
1.6
6.2
33
=
=
p ´
W ´
B
R C
2
1
=
p
21
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
www.ti.com
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Applications (continued)
(19)
For filter A, this gives Equation 20:
(20)
and Equation 21 for filter B:
(21)
8.2.1.3 Application Curve
The responses of filter A and filter B are shown as the thin lines in Figure 39; the response of the combined filter
is shown as the thick line. Shifting the center frequencies of the separate filters farther apart, results in a wider
band; however, positioning the center frequencies too far apart results in a less flat gain within the band. For
wider bands more band-pass filters can be cascaded.
Figure 39. Active Band-Pass Filter Curve
NOTE
Use the WEBENCH internet tools at www.ti.com for your filter application.
8.2.2 High-Side, Current-Sensing Circuit
Figure 40. High-Side, Current-Sensing Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com