Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC533AM Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC533AM
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC533AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC533AM Datasheet HTML 2Page - Texas Instruments TLC533AM Datasheet HTML 3Page - Texas Instruments TLC533AM Datasheet HTML 4Page - Texas Instruments TLC533AM Datasheet HTML 5Page - Texas Instruments TLC533AM Datasheet HTML 6Page - Texas Instruments TLC533AM Datasheet HTML 7Page - Texas Instruments TLC533AM Datasheet HTML 8Page - Texas Instruments TLC533AM Datasheet HTML 9Page - Texas Instruments TLC533AM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLC532AI, TLC532AM, TLC533AI, TLC533AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range:
VREF+
VREF– to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREF–
– 0.3 V to VREF+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other inputs
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (any input)
± 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total input current, (all inputs)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
TLC532AI, TLC533AI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . .
TLC532AM, TLC533AM
– 55
°C to 1255°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those under absolute maximum ratings may causr permanent damage to the device. This is a stress rating only, and functional
operation of the devise at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
recommended operating conditions
TLC532A
TLC533A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.5
4.75
5
5.5
V
Positive reference voltage, VREF+ See Note 2
2.5
VCC
VCC + 0.1
2.5
VCC
VCC + 0.1
V
Negative reference voltage, VREF– See Note 2
– 0.1
0
2.5
– 0.1
0
2.5
V
Differential reference voltage, VREF+ – VREF–
1
VCC
VCC + 0.2
1
VCC
VCC + 0.2
V
Clock input
VCC – 0.8
VCC – 0.8
High-level input voltage, VIH
All other digital
inputs
2
2
V
Low-level input voltage, VIL
Any digital input
0.8
0.8
V
Clock frequency, fCLK
0.1
2
2.048
0.1
1.048
1.06
MHz
Setup time, CS low before CLK
↑, tsu(CS)
75
100
ns
Setup time, Address (R/W and RS) before CLK
↑, tsu(A)
100
145
ns
Setup time, Data bus input before start conversion, tsu(bus)
140
185
ns
Hold time, Control (R/W, RS, and CS)
after start conversion, th(C)
10
20
ns
Hold time, Data bus input after start conversion, th(bus)
15
20
ns
Pulse duration of control during read, tw(C)
305
575
ns
Pulse druation, reset low, twL(reset)
3
3
Clock
Cycles
Pulse duration, clock high, tw(CLKH)
230
440
ns
Pulse duration,clock low, tw(CLKL)
200
410
ns
Clock rise time, tr(CLK)
15
25
ns
Clock fall time, tf(CLK)
16
30
ns
Operating free air temperature TA
TLC__AM
– 55
125
– 55
125
°C
Operating free-air temperature, TA
TLC__AI
– 40
85
– 40
85
°C
NOTE 2: Analog input voltages greater than or equal to that applied to the REF+ terminal convert to all ones (11111111), while input voltages equal
to or less than that applied to the REF– terminal convert to all zeros (00000000). For proper operation, the positive reference voltage,
VREF+, must be at least 1 V greater than the negative reference voltage, VREF–. In addition, unadjusted errors may increase as the
differential reference voltage, VREF+ – VREF–, falls below 4.75 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com