Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC533AM Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC533AM
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC533AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC533AM Datasheet HTML 2Page - Texas Instruments TLC533AM Datasheet HTML 3Page - Texas Instruments TLC533AM Datasheet HTML 4Page - Texas Instruments TLC533AM Datasheet HTML 5Page - Texas Instruments TLC533AM Datasheet HTML 6Page - Texas Instruments TLC533AM Datasheet HTML 7Page - Texas Instruments TLC533AM Datasheet HTML 8Page - Texas Instruments TLC533AM Datasheet HTML 9Page - Texas Instruments TLC533AM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLC532AI, TLC532AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
electrical characteristics over recommended operating free-air temperature range, VREF+ = VCC,
VREF– at ground, fCLK = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 1.6 mA
2.4
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIH
High level input current
Any digital or Clock input
VIH =5 5V
10
µA
IIH
High-level input current
Any control input
VIH = 5.5 V
1
µA
IIL
Low level input current
Any digital or Clock input
VIL =0
– 10
µA
IIL
Low-level input current
Any control input
VIL = 0
– 1
µA
IOZ
Off state (high impdance state) output current
VO = VCC
10
µA
IOZ
Off-state (high-impdance state) output current
VO = 0
– 10
µA
II
Analog input current (see Note 3)
VI = 0 to VCC
±500
nA
Leakage current between selected channel
and all other analog channels
VI = 0 to VCC, Clock input at 0 V
±400
nA
Ci
Input capacitance
Digital pins 3 thru 10
4
30
pF
Ci
Input capacitance
Any other input pin
2
15
pF
ICC + IREF+ Supply current plus reference current
VCC = VREF+ = 5.5 V,
Outputs open
1.5
3
mA
ICC
Supply current
VCC = 5.5 V
1.4
2
mA
NOTE 3: Analog input current is an average of the current flowing into a selected analog channel input during one full conversion cycle.
operating chacteristics over recommended ranges VCC, VREF+, and operating free-air temperature,
VREF– at ground, fclock = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Linearity error (see Note 4)
±0.5
LSB
Zero error (see Note 5)
±0.5
LSB
Full-scale error (see Note 5)
±0.5
LSB
Total unadjusted error (see Note 6)
±0.5
LSB
Absolute accuracy error (see Note 7)
±1
LSB
tconv
Conversion time (including channel acquisition time)
30
Clock
Cycles
tacq
Channel acquisition time prior to starting conversion
10
Clock
Cycles
ten
Data output enable time (see Note 8)
CL = 50 pF, RL = 3 kΩ
250
ns
tdis
Data output disable time
CL = 50 pF, RL = 3 kΩ
10
ns
t (bus)
Data output rise time
High-impedance to high level
CL =50 pFRL =3kΩ
150
ns
tr(bus) Data output rise time
Low-to-high level
CL = 50 pF, RL = 3 kΩ
300
ns
tf(bus) Data output fall time
High-impedance to low level
CL =50 pFRL =3kΩ
150
ns
tf(bus) Data output fall time
High-to-low level
CL = 50 pF, RL = 3 kΩ
300
ns
† Typical values are at VCC = 5 V, TA = 25°C.
NOTES: 4. Linearity error is the deviation from the best straight line through the A/D transfer characteristics.
5. Zero error is the difference between 00000000 and the converted output for zero input voltage; full-scale error is the difference between
11111111 and the converted output for full-scale input voltage.
6. Total unadjusted error is the sum of liinearity, zero, and full-scale errors.
7. Absolute accuracy error is the maximum difference between an analog value and the nominal midstep value within any step. This
includes all errors including inherent quantization error, which is the
±0.5 LSB uncertainty caused by the A/D converters’ finite
resolution.
8. If chip-select setup time, tsu(CS), is less than 0.14 µs, the effective data output enable time, ten, may extend such that tsu(CS) + ten is
equal to a maximum of 0.475
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com