Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933IPW Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC2933IPW
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPW Datasheet(HTML) 3 Page - Texas Instruments

  TLC2933IPW Datasheet HTML 1Page - Texas Instruments TLC2933IPW Datasheet HTML 2Page - Texas Instruments TLC2933IPW Datasheet HTML 3Page - Texas Instruments TLC2933IPW Datasheet HTML 4Page - Texas Instruments TLC2933IPW Datasheet HTML 5Page - Texas Instruments TLC2933IPW Datasheet HTML 6Page - Texas Instruments TLC2933IPW Datasheet HTML 7Page - Texas Instruments TLC2933IPW Datasheet HTML 8Page - Texas Instruments TLC2933IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VCO inhibit function
The VCO has an externally controlled inhibit function which inhibits the VCO output. A high level on the VCO
INHIBIT terminal stops the VCO oscillation and powers down the VCO. The output maintains a low level during
the power-down mode as shown in Table 1.
Table 1. VCO Inhibit Function
VCO INHIBIT
VCO OSCILLATOR
VCO OUT
IDD(VCO)
Low
Active
Active
Normal
High
Stopped
Low level
Power Down
PFD operation
The PFD is a high-speed, edge-triggered detector with an internal charge pump. The PFD detects the phase
difference between two frequency inputs supplied to FIN−A and FIN−B as shown in Figure 2. Nominally the
reference is supplied to FIN−A, and the frequency from the external counter output is fed to FIN−B. For clock
recovery PLL systems, other types of phase detectors should be used.
FIN− A
FIN− B
PFD OUT
VOH
Hi-Z
VOL
Figure 2. PFD Function Timing Chart
PFD inhibit control
A high level on the PFD INHIBIT terminal places PFD OUT in the high-impedance state and the PFD stops
phase detection as shown in Table 2. A high level on the PFD INHIBIT terminal can also be used as the
power-down mode for the PFD.
Table 2. VCO Output Control Function
PFD INHIBIT
DETECTION
PFD OUT
IDD(PFD)
Low
Active
Active
Normal
High
Stopped
Hi-Z
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com