Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC2933IPW
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLC2933IPW Datasheet HTML 1Page - Texas Instruments TLC2933IPW Datasheet HTML 2Page - Texas Instruments TLC2933IPW Datasheet HTML 3Page - Texas Instruments TLC2933IPW Datasheet HTML 4Page - Texas Instruments TLC2933IPW Datasheet HTML 5Page - Texas Instruments TLC2933IPW Datasheet HTML 6Page - Texas Instruments TLC2933IPW Datasheet HTML 7Page - Texas Instruments TLC2933IPW Datasheet HTML 8Page - Texas Instruments TLC2933IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics
VCO block schematic
Bias
Control
VCO
Output
Buffer
RBIAS
VCO IN
VCO INHIBIT
VCO OUT
BIAS
PFD block schematic
Detector
Charge Pump
PFD OUT
FIN − A
FIN − B
PFD INHIBIT
VDD
absolute maximum ratings†
Supply voltage (each supply), VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (each input), VI (see Note 1)
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (each input), II
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each output), IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C (see Note 2)
700 mW
. . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 5.6 mW/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com