Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933IPWLE Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2933IPWLE Datasheet HTML 5Page - Texas Instruments TLC2933IPWLE Datasheet HTML 6Page - Texas Instruments TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments TLC2933IPWLE Datasheet HTML 10Page - Texas Instruments TLC2933IPWLE Datasheet HTML 11Page - Texas Instruments TLC2933IPWLE Datasheet HTML 12Page - Texas Instruments TLC2933IPWLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tr
tf
90%
10%
90%
10%
VCO OUT
Figure 3. VCO Output Voltage Waveform
50%
90%
10%
10%
50%
50%
tPHZ
tr
tf
tPLZ
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
FIN− A†
FIN− B†
PFD INHIBIT
PFD OUT
(a) PFD OUT Hi-Z Timing To and From a High Level
(see Figure 5 and Table 3)
(b) PFD OUT Hi-Z Timing To and From a Low Level
(see Figure 5 and Table 3)
† FIN−A and FIN−B are for reference phase only, not for timing.
90%
tPZL
tPZH
Hi-Z
VOH
50%
50%
50%
VOL
50%
50%
Hi-Z
Figure 4. PFD Output Voltage Waveform
Table 3. PFD Output Test Conditions
PARAMETER
RL
CL
S1
S2
tPZH
tPHZ
Open
Closed
tr
1 k
Ω
15 pF
Open
Closed
tPZL
1 k
Ω
15 pF
tPLZ
Closed
Open
tf
Closed
Open
S1
S2
RL
CL
Test Point
PFD OUT
DUT
VDD
Figure 5. PFD Output Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com