Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933IPWLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments TLC2933IPWLE Datasheet HTML 10Page - Texas Instruments TLC2933IPWLE Datasheet HTML 11Page - Texas Instruments TLC2933IPWLE Datasheet HTML 12Page - Texas Instruments TLC2933IPWLE Datasheet HTML 13Page - Texas Instruments TLC2933IPWLE Datasheet HTML 14Page - Texas Instruments TLC2933IPWLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
VCO IN − VCO Control Voltage − V
VCO OSCILLATION FREQUENCY
vs
VCO CONTROL VOLTAGE
80
60
20
0
0
0.5
1
1.5
2
2.5
3
100
140
160
3.5
4
4.5
5
40
120
VDD = 5 V
RBIAS = 2.2 kΩ
75
°C
25
°C
−20
°C
75
°C
−20
°C
Figure 11
VCO OSCILLATION FREQUENCY
vs
VCO CONTROL VOLTAGE
VCO IN − VCO Control Voltage − V
80
60
20
0
0
0.5
1
1.5
2
2.5
100
140
160
3
3.5
4
4.5
40
120
VDD = 5 V
RBIAS = 2.4 kΩ
75
°C
−20
°C
25
°C
5
75
°C
−20
°C
Figure 12
VCO IN − VCO Control Voltage − V
VCO OSCILLATION FREQUENCY
vs
VCO CONTROL VOLTAGE
40
20
120
0
0
0.5
1
1.5
2
2.5
3
80
60
100
140
3.5
4
4.5
75
°C
−20
°C
25
°C
VDD = 5 V
RBIAS = 2.7 kΩ
−20
°C
75
°C
5
Figure 13
VCO IN − VCO Control Voltage − V
VCO OSCILLATION FREQUENCY
vs
VCO CONTROL VOLTAGE
40
20
120
0
0
0.5
1
1.5
2
2.5
3
80
60
100
140
3.5
4
4.5
75
°C
−20
°C
25
°C
VDD = 5 V
RBIAS = 3 kΩ
5
−20
°C
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com