Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5617CD Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5617CD
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5617CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5617CD Datasheet HTML 7Page - Texas Instruments TLC5617CD Datasheet HTML 8Page - Texas Instruments TLC5617CD Datasheet HTML 9Page - Texas Instruments TLC5617CD Datasheet HTML 10Page - Texas Instruments TLC5617CD Datasheet HTML 11Page - Texas Instruments TLC5617CD Datasheet HTML 12Page - Texas Instruments TLC5617CD Datasheet HTML 13Page - Texas Instruments TLC5617CD Datasheet HTML 14Page - Texas Instruments TLC5617CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general function
The TLC5617 uses a resistor string network buffered with an op amp to convert 10-bit digital data to analog
voltage levels (see functional block diagram and Figure 17). The output of the TLC5617 is the same polarity
as the reference input (see Table 1).
The output code is given by: 2 V
REFIN
CODE
1024
An internal circuit resets the DAC register to all 0s on power up.
_
+
Resistor
String
DAC
5 V
0.1
µF
AGND
VDD
OUT
REFIN
R
R
_
+
×2
DIN
CS
SCLK
Figure 17. TLC5617 Typical Operating Circuit
Table 1. Binary Code Table (0 V to 2 VREFIN Output), Gain = 2
INPUT†
OUTPUT
1111
1111
11(00)
2 V
REFIN
1023
1024
:
:
1000
0000
01(00)
2 V
REFIN
513
1024
1000
0000
00(00)
2 V
REFIN
512
1024
+ V
REFIN
0111
1111
11(00)
2 V
REFIN
511
1024
:
:
0000
0000
01(00)
2 V
REFIN
1
1024
0000
0000
00(00)
0 V
† A 10-bit data word with two sub-LSB 0s must be written since the DAC input
latch is 12 bits wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com