Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5617CD Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC5617CD
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5617CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5617CD Datasheet HTML 12Page - Texas Instruments TLC5617CD Datasheet HTML 13Page - Texas Instruments TLC5617CD Datasheet HTML 14Page - Texas Instruments TLC5617CD Datasheet HTML 15Page - Texas Instruments TLC5617CD Datasheet HTML 16Page - Texas Instruments TLC5617CD Datasheet HTML 17Page - Texas Instruments TLC5617CD Datasheet HTML 18Page - Texas Instruments TLC5617CD Datasheet HTML 19Page - Texas Instruments TLC5617CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
DSP serial interface
Utilizing a simple 3-wire serial interface, the TLC5617A can be interfaced to TMS320 compatible serial ports.
The 5617A has an internal state machine that counts 16 clocks after receiving a falling edge of CS and then
disable further clocking in of data until the next falling edge is received on CS. Therefore the CS can be
connected directly to the FS pins of the serial port and only the leading falling edge of the DSP will be used to
start the write process. The TLC5617A is designed to be used with the TMS320Cxx DSP in burst mode serial
port transmit operation.
SCLK
DIN
CS
TLC5617
CLKX
DX
FSX
TMS320C32
DSP
VCC
OUT A
OUT B
GND
REFIN
2.5 V dc
FSR
To Source
Ground
Analog
Output
Analog
Output
CLKR
Figure 22. Interfacing The TLC5617 To TMS320C32 DSP
SPI serial interface
Both the TLC5617 and TLC5617A are compatible with SPI, QSPI, or Microwire serial standards. The hardware
connections are shown in Figure 23 and Figure 24. The TLC5617A has an internal state machine that counts
16 clocks after the falling edge of CS and then internally disables the device. The internal edge is ORed together
with CS so that the rising edge can be provided to CS prior to the occurrence of the internal edge to also disable
the device.
general serial interface
The TLC5617 3-wire interface is compatible with the SPI, QSPI, and Microwire serial standards. The hardware
connections are shown in Figure 23 and Figure 24.
The SPI and Microwire interfaces transfer data in 8-bit bytes, therefore, two write cycles are required to input
data to the DAC. The QSPI interface, which has a variable input data length from 8 to 16 bits, can load the DAC
input register in one write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com